| Electronic Components Datasheet Search |
|
AN1645 Datasheet(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1645 Datasheet(HTML) 18 Page - STMicroelectronics |
|
18 / 22 page ![]() Obsolete Product(s) - Obsolete Product(s) AN1645 - APPLICATION NOTE 18/22 Synchronization Q7 Npn Transistor to turn off the device R12 Base resistor for Q2 Resi stor Divider (Fig.6) Pull-up resi stor (Fig. 7) Com p D2 Small signal diode: protects Ck pin from voltages higher than Vcc Resistor: Pull-up resistor Com p C5 Capacitor: to acts like an RC filt er to eliminate the turn-off voltage spike Not mounted Com p R5 Resistor: low side partition resistor Not mounted Com p R4 Resistor: high side partition resistor Diode: small signal diode puts Ck pin to low level when free-wheeling FE T is conducting Com p R11 Not mounted Not mounted INHIBIT R7 Limits the current flowing into INHIB IT pin when FW Drain voltage is higher than Vcc JP5 Close to operate in discontinuous mode condition JP6 Close to provide constant negative volt age to Inhibit Blanking Time (Fig.12) Di sabling (Fig.14) Com p C7 Capacitor: Provides the negative voltage to determine the blanking voltage Small signal diode: blocks the positive voltage on Inhibit pin Com p D5 Resistor: together with C7 determines the time and voltage value of the blanking circuit Not mounted Com p R9 Diode + resistor in series: diode blocks the positive voltage; resistor adds the negative voltage to the Inhibit pin Resistor: Set the time constant to charge capacitor C8 Com p R10 Not mounted Not mounted Com p C8 Not mounted Capacitor: Filter capacitor to keep constant the voltage on Inhibit Anticipation R6, R8 Resistor divider which provides voltage level to set Anticipation time JP4 Sets the maximum anticipation time JP3 Sets the medium anticipation time JP2 Sets the minimum anticipation time |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |