Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2566 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2566
Description  PM6680 evaluation kit dual step-down controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2566 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2566 Datasheet HTML 3Page - STMicroelectronics AN2566 Datasheet HTML 4Page - STMicroelectronics AN2566 Datasheet HTML 5Page - STMicroelectronics AN2566 Datasheet HTML 6Page - STMicroelectronics AN2566 Datasheet HTML 7Page - STMicroelectronics AN2566 Datasheet HTML 8Page - STMicroelectronics AN2566 Datasheet HTML 9Page - STMicroelectronics AN2566 Datasheet HTML 10Page - STMicroelectronics AN2566 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AN2566
Component list
7/29
3
Component list
Table 1.
Component list
Name
Description
Size
Value
Supplier
Part number
C1, C2,
C3
Ceramic capacitor
50 V
1210
10 µF
Taiyo Yuden
UMK325BJ106KM
C4
Ceramic capacitor
50 V
1210
Not installed
C5, C6
Ceramic capacitor
0805
0,1 µF
Standard
C7
Low ESR capacitor
D case
Not installed
Standard
C8
Low ESR capacitor
4 V, 12 m
Ω ESR
D case
330 µF
POSCAP - Sanyo
4TPD33OM
C11
Low ESR capacitor
D case
Not installed
Standard
C12
Low ESR capacitor
4 V, 12 m
Ω ESR
D case
330 µF
POSCAP - Sanyo
4TPD33OM
C13, C14
Ceramic capacitor
0805
5.6 nF
Standard
C15, C16
Ceramic capacitor
0603
1 nF
Standard
C17, C18
Ceramic capacitor
0603
47 pF
Standard
C19
Ceramic capacitor
50 V
0805
0.1 µF
Standard
B37941K5104K62
C26
Tantalum capacitor
35 V
C case
4.7 µF
AVX TPS
TPSC475*035#0600
C20
Ceramic capacitor
0603
1 µF
Standard
C21
Tantalum capacitor
package A, 16 V
B case
4.7 µF
AVX THJ
THJB475*016#JN
C22
Ceramic capacitor
0805
220 nF
Standard
C9, C10
Ceramic capacitor
0805
Not installed
Standard
C23
Ceramic capacitor
0603
10 pF
Standard
CIN
Electrolytic capacitor
39 µF, 25 V
D 10 mm
Not installed
Sanyo
25SVPD39M
CREF
Ceramic capacitor
0603
100 nF
Standard
C24,C25
Ceramic capacitor
0805
10 µF
Standard
C27
Ceramic capacitor
0805
Not installed
Standard
C28
Tantalum capacitor
3216
Not installed
Standard
D1
Dual Schottky diode
SOT23
STMicroelectronics
BAT54A
D2,D3
Diode 1 A, 30 V
DO216-AA
STMicroelectronics
STPS1L30M
IC1
PM6680 device
VFQFPN-32
5 mm x 5 mm
STMicroelectronics
PM6680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com