Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2566 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2566
Description  PM6680 evaluation kit dual step-down controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2566 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2566 Datasheet HTML 18Page - STMicroelectronics AN2566 Datasheet HTML 19Page - STMicroelectronics AN2566 Datasheet HTML 20Page - STMicroelectronics AN2566 Datasheet HTML 21Page - STMicroelectronics AN2566 Datasheet HTML 22Page - STMicroelectronics AN2566 Datasheet HTML 23Page - STMicroelectronics AN2566 Datasheet HTML 24Page - STMicroelectronics AN2566 Datasheet HTML 25Page - STMicroelectronics AN2566 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Test setup and performance summary
AN2566
22/29
Figure 16 shows the input current consumption measured at VIN+ (includes ISHDN) and the
input device current consumption measured at the VCC pin(IEXT5V). Both switching
sections are working in NO-AUDIBLE SKIP mode. No load is applied.
Figure 16.
Input current vs. input voltage
In the following illustrations, the device current consumption is measured in shutdown mode
and standby mode. In shutdown mode all outputs are off (SHDN pin low). In standby mode
only the linear regulator output is on (V5SW = SGND, SHDN pin high, EN5 and EN3 pins
low).
Figure 17.
Device current consumption vs. input voltage
SHUTDOWN MODE INPUT BATTERY CURRENT
vs INPUT VOLTAGE
0.00
5.00
10.00
15.00
20.00
25.00
8
1012
141618
2022
242628
INPUT VOLTAGE [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com