Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2566 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2566
Description  PM6680 evaluation kit dual step-down controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2566 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2566 Datasheet HTML 1Page - STMicroelectronics AN2566 Datasheet HTML 2Page - STMicroelectronics AN2566 Datasheet HTML 3Page - STMicroelectronics AN2566 Datasheet HTML 4Page - STMicroelectronics AN2566 Datasheet HTML 5Page - STMicroelectronics AN2566 Datasheet HTML 6Page - STMicroelectronics AN2566 Datasheet HTML 7Page - STMicroelectronics AN2566 Datasheet HTML 8Page - STMicroelectronics AN2566 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AN2566
Main features
5/29
1
Main features
●
Constant on-time control allows very fast load transients
●
6 V to 28 V input voltage range
●
5 V auxiliary output voltage
●
Adjustable switching outputs
●
Lossless current sensing using low side MOSFET RDS(on)
●
Negative current limit
●
Soft-start internally fixed at 2.8 ms
●
Soft-end for output discharge
●
200 kHz / 300 kHz, 300 kHz / 400 kHz, 400 kHz / 500 kHz (5 V / 3 V selectable
switching frequency)
●
Selectable pulse skip and no-audible skip modes at light loads
●
Independent power good signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com