Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2566 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2566
Description  PM6680 evaluation kit dual step-down controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2566 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2566 Datasheet HTML 1Page - STMicroelectronics AN2566 Datasheet HTML 2Page - STMicroelectronics AN2566 Datasheet HTML 3Page - STMicroelectronics AN2566 Datasheet HTML 4Page - STMicroelectronics AN2566 Datasheet HTML 5Page - STMicroelectronics AN2566 Datasheet HTML 6Page - STMicroelectronics AN2566 Datasheet HTML 7Page - STMicroelectronics AN2566 Datasheet HTML 8Page - STMicroelectronics AN2566 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Contents
AN2566
2/29
Contents
1
Main features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2
Evaluation kit schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Component list . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
4
Evaluation board layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
5
I/O interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
6
Recommended equipment . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
7
Quick start . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
8
Jumper settings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
9
Feedback output connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
10
Test setup and performance summary . . . . . . . . . . . . . . . . . . . . . . . . . 17
10.1
Test setup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
10.2
Power-up . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
10.3
Soft-start and shutdown waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
10.4
1.5 V and 1.05 V output efficiency vs. load current . . . . . . . . . . . . . . . . . 19
10.5
Power consumption analysis . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
10.6
Switching frequency vs. load current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
10.7
Linear regulator output voltages vs. output current . . . . . . . . . . . . . . . . . 24
10.8
Load transient responses . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
11
Representatives waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
12
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com