Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2755 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2755
Description  400 W FOT-controlled PFC pre-regulator with the L6562A
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2755 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2755 Datasheet HTML 2Page - STMicroelectronics AN2755 Datasheet HTML 3Page - STMicroelectronics AN2755 Datasheet HTML 4Page - STMicroelectronics AN2755 Datasheet HTML 5Page - STMicroelectronics AN2755 Datasheet HTML 6Page - STMicroelectronics AN2755 Datasheet HTML 7Page - STMicroelectronics AN2755 Datasheet HTML 8Page - STMicroelectronics AN2755 Datasheet HTML 9Page - STMicroelectronics AN2755 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Main characteristics and circuit description
AN2755
6/24
At startup the L6562A is powered by the Vcc capacitor (C12) that is charged via the
resistors R3 and R4. Then the L4 secondary winding (pins 8-11) and the charge pump
circuit (R5, C10, D5 and D4) generate the Vcc voltage powering the L6562A during normal
operation.
The divider R32, R33 and R34 provides the L6562A multiplier with the information of the
instantaneous voltage that is used to modulate the boost current. The divider R9, R10, R11,
R12 & 13 is dedicated to sense the output. The Line-Modulated FOT is obtained by the
timing generator components D6, C15, R15, C16, R16, R31, Q3.
The board is equipped with an input EMI filter designed for a 2-wire input mains plug. It is
composed of two stages, a common mode pi-filter connected at the input (C1, L1, C2, C3)
and a differential mode pi-filter after the input bridge (C4, L3, C5). It also offers the
possibility to easily connect a downstream converter.
Figure 2.
EVL6562A-400W demonstration board electrical schematic
 
5
8
7
6
4
3
2
1
ZCD
CS
MULT
COMP
INV
L65 62A
VCC
GD
GND
R102
0R0
+400Vo ut
R19
1K0
C20
330 pF
L1
CM- 1.5mH-5A
L3
DM-51uH- 6A
C15
68pF
C16
120p F
R22
0R47-1W
R15
1k8
C11
470nF/50V
C12
100uF/50V
R1 6
30k
1
2
J1
Q2
STP12NM50FP
C1
470nF-X2
D6
LL41 48
R20
0R47-1 W
D5
BZX85-C18
R23
0R4 7-1W
R1
1M5
D1
1N54 06
1
2
3
4
5
J2
D3
STTH8R06
F1
8A/250V
R3
100K
C21
10nF
R17
6R8
R34
10k
R18
6R8
Q3
BC857C
R33
620k
D7
LL41 48
C4
470n F-6 30V
R32
620k
D8
LL4148
R2
NTC 2R5-S237
T
PQ40- 500uH
Q1
STP12NM50FP
R4
100K
R31
3k
R21
0R4 7-1W
+
-
~
~
D2
D15XB60
R5
47R
C5
470nF-63 0V
R12
47K
R13
12k
R11
510k
R10
510k
R35
3R9
R36
3R9
R9
510k
C2
470nF
R14
47k
C3
680n F-X2
C6
470nF-630V
C14
2.2uF
C13
22 0nF
D4
LL4 148
C7
330uF-450 V
C10
22N
+400Vdc
1-2
+400Vdc
+400Vdc
5-6
811
RTN
NC
RTN
+400Vdc
90 - 265Vac
R101
0R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com