Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2755 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2755
Description  400 W FOT-controlled PFC pre-regulator with the L6562A
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2755 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2755 Datasheet HTML 1Page - STMicroelectronics AN2755 Datasheet HTML 2Page - STMicroelectronics AN2755 Datasheet HTML 3Page - STMicroelectronics AN2755 Datasheet HTML 4Page - STMicroelectronics AN2755 Datasheet HTML 5Page - STMicroelectronics AN2755 Datasheet HTML 6Page - STMicroelectronics AN2755 Datasheet HTML 7Page - STMicroelectronics AN2755 Datasheet HTML 8Page - STMicroelectronics AN2755 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
July 2008
Rev 1
1/24
AN2755
Application note
400 W FOT-controlled PFC pre-regulator with the L6562A
Introduction
This application note describes an demonstration board based on the transition-mode PFC
controller L6562A and presents the results of its bench demonstration. The board
implements a 400 W, wide-range mains input PFC pre-conditioner suitable for ATX PSU, flat
screen displays, etc. In order to allow the use of a low-cost device like the L6562A at this
power level, usually prohibitive for this device, the chip is operated with fixed-off-time control.
This allows continuous conduction mode operation, normally achievable with more
expensive control chips and more complex control architectures.
Figure 1.
Demonstration board (EVL6562A-400W)
www.st.com


Similar Part No. - AN2755

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2752 STMICROELECTRONICS-AN2752 Datasheet
2Mb / 40P
Getting started with the STM8S and STM8A
31-Aug-2011
AN2753 STMICROELECTRONICS-AN2753 Datasheet
1Mb / 31P
6 W single-output VIPer17 demonstration board
19-Oct-2009
AN2754 STMICROELECTRONICS-AN2754 Datasheet
307Kb / 20P
Buck high-brightness LED driver based on the ST1S10
28-Aug-2008
AN2758 STMICROELECTRONICS-AN2758 Datasheet
226Kb / 8P
EVAL6226QR demonstration board using a dual full-bridge L6226Q
28-Jan-2009
AN2759 STMICROELECTRONICS-AN2759 Datasheet
267Kb / 9P
EVAL6227QR demonstration board using a dual full-bridge L6227Q
28-Jan-2009
More results

Similar Description - AN2755

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6563-400W STMICROELECTRONICS-EVAL6563-400W Datasheet
152Kb / 6P
L6563 400 W FOT-controlled PFC pre-regulator
26-Jan-2007
EVL6562A-400W STMICROELECTRONICS-EVL6562A-400W Datasheet
150Kb / 9P
L6562A 400W FOT-controlled PFC pre-regulator evaluation board
07-Feb-2008
EVL6564H-100W STMICROELECTRONICS-EVL6564H-100W Datasheet
106Kb / 4P
100 W transition-mode PFC pre-regulator demonstration board based on the L6564H
16-Apr-2012
AN2485 STMICROELECTRONICS-AN2485 Datasheet
735Kb / 29P
400 W FOT-controlled PFC pre-regulator with the L6563
22-Mar-2007
AN2994 STMICROELECTRONICS-AN2994 Datasheet
2Mb / 38P
400 W FOT-controlled PFC pre-regulator with the L6563S
30-Nov-2010
AN3063 STMICROELECTRONICS-AN3063 Datasheet
1Mb / 33P
100 W transition-mode PFC pre-regulator with the L6563H
06-Sep-2010
AN3065 STMICROELECTRONICS-AN3065 Datasheet
1Mb / 33P
100 W transition-mode PFC pre-regulator with the L6563S
06-Sep-2010
AN3118 STMICROELECTRONICS-AN3118 Datasheet
1Mb / 31P
250 W transition-mode PFC pre-regulator with the new L6563H
26-Nov-2010
AN3119 STMICROELECTRONICS-AN3119 Datasheet
2Mb / 32P
250 W transition-mode PFC pre-regulator with the new L6563S
24-Nov-2010
AN4077 STMICROELECTRONICS-AN4077 Datasheet
1Mb / 33P
100 W transition-mode PFC pre-regulator with the new L6564H
05-Sep-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com