Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2755 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2755
Description  400 W FOT-controlled PFC pre-regulator with the L6562A
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2755 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2755 Datasheet HTML 6Page - STMicroelectronics AN2755 Datasheet HTML 7Page - STMicroelectronics AN2755 Datasheet HTML 8Page - STMicroelectronics AN2755 Datasheet HTML 9Page - STMicroelectronics AN2755 Datasheet HTML 10Page - STMicroelectronics AN2755 Datasheet HTML 11Page - STMicroelectronics AN2755 Datasheet HTML 12Page - STMicroelectronics AN2755 Datasheet HTML 13Page - STMicroelectronics AN2755 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Test results and significant waveforms
AN2755
10/24
2.2
Inductor current in FOT and L6562A THD optimizer
The following figures show the waveforms relevant to the inductor current at different voltage
mains. As visible in Figure 17 and Figure 19, the inductor current waveform over a line half-
period is very similar to that of a CCM PFC. In Figure 18 and Figure 20 the magnification of
the waveforms at the peak of the sine wave shows the different ripple current and off-times,
which is modulated by the input mains voltage. We can also note the transition angle from
DCM to CCM that occurs closer to the zero-crossing of the current sine wave at low mains
and moves toward the top if the circuit is working at high mains.
On both the drain voltage traces shown in Figure 17 and Figure 19, close to the zero-
crossing points of the sine wave, it is possible to note the action of the THD optimizer
embedded in the L6562A. It is a circuit that minimizes the conduction dead-angle occurring
to the AC input current near the zero-crossings of the line voltage (crossover distortion). In
this way, the THD (Total Harmonic Distortion) of the current is considerably reduced. A
major cause of this distortion is the inability of the system to transfer energy effectively when
the instantaneous line voltage is very low. This effect is magnified by the high-frequency
filter capacitor placed after the bridge rectifier, which retains some residual voltage that
causes the diodes of the bridge rectifier to be reverse-biased and the input current flow to
temporarily stop. To overcome this issue the device forces the PFC pre-regulator to process
more energy near the line voltage zero-crossings as compared to that commanded by the
control loop.
This results in both minimizing the time interval where energy transfer is lacking and fully
discharging the high-frequency filter capacitor after the bridge. Essentially, the circuit
artificially increases the ON-time of the power switch with a positive offset added to the
output of the multiplier in the proximity of the line voltage zero-crossings.
This offset is reduced as the instantaneous line voltage increases, so that it becomes
negligible as the line voltage moves toward the top of the sinusoid.
Figure 17.
EVL6562A-400W inductor current
ripple envelope at 115 Vac - 60 Hz -
full load
Figure 18.
EVL6562A-400W inductor current
ripple (detail) at 115 Vac - 60 Hz -
full load
●
CH1: Q1/Q2 drain voltage
●
CH2: I L inductor current ripple envelope
●
CH3: MULT voltage - pin #3
●
CH1: Q1/Q2 drain voltage
●
CH2: I L inductor current ripple envelope
●
CH3: MULT voltage - pin #3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com