Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0442 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0442
Description  Multiple application platform based on STR750FV2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0442 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0442 Datasheet HTML 7Page - STMicroelectronics UM0442 Datasheet HTML 8Page - STMicroelectronics UM0442 Datasheet HTML 9Page - STMicroelectronics UM0442 Datasheet HTML 10Page - STMicroelectronics UM0442 Datasheet HTML 11Page - STMicroelectronics UM0442 Datasheet HTML 12Page - STMicroelectronics UM0442 Datasheet HTML 13Page - STMicroelectronics UM0442 Datasheet HTML 14Page - STMicroelectronics UM0442 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
UM0442
Hardware configuration and functionality
11/33
In applications where the 5 V supply comes from the motor control connector, all the
jumpers of the power selector must be open.
Of course, if the 5 V is furnished from the STR750-MAP to the MC, choose the appropriate
supply from the power supply selector by closing the corresponding source.
Pay particular attention also when using jumper J15. It allows the user to provide 3.3 V to
the MC connector, when it is closed (jumper J15 is open by default). In any case, 3.3 V
cannot be supplied by the motor control connector.
Figure 9.
34-pin motor control connector
14
Bus voltage
27
15
Current phase A
108
16
None
Ground
-
17
Current phase B
106
18
None
Ground
-
19
Current phase C
104
20
None
Ground
-
21
NTC bypass relay
204
22
None
Ground
-
23
Dissipation brake PWM
100
24
None
Ground
-
25
VCC 5 V
5 V
-
26
Heat sink temperature
29
27
PFC (Power Factor Corrector)
synchronization
31
28
+3V3
3.3 V
-
29
PFC PWM
30
30
None
Ground
-
31
Encoder A
3
32
None
Ground
-
33
Encoder B
33
34
Encoder index
1
Table 3.
Motor control connector and STR750FV2 pins correspondence
Connector pin
Name
Function
STR750FV2 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com