Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0442 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0442
Description  Multiple application platform based on STR750FV2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0442 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0442 Datasheet HTML 14Page - STMicroelectronics UM0442 Datasheet HTML 15Page - STMicroelectronics UM0442 Datasheet HTML 16Page - STMicroelectronics UM0442 Datasheet HTML 17Page - STMicroelectronics UM0442 Datasheet HTML 18Page - STMicroelectronics UM0442 Datasheet HTML 19Page - STMicroelectronics UM0442 Datasheet HTML 20Page - STMicroelectronics UM0442 Datasheet HTML 21Page - STMicroelectronics UM0442 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Hardware configuration and functionality
UM0442
18/33
Figure 15.
S6 selector, this configuration allows RTS functionality
4.16
I2C and BSPI connectors
Both the I2C and BSPI connectors are shared with other devices placed on the board, but
they are useful in order to allow on-system communication capabilities for the STR750-MAP.
The I2C peripheral bus of the microcontroller shares the pin between the 3-axis
accelerometer and the connector for external devices.
Starting from the microcontroller pin out, pins 29 and 30, SDA and SCL respectively, are
connected to the middle points of two 3-pin strip-line selectors, S2 and S1 respectively. If
both these selectors are closed between the middle point and the point 3, we connect the
microcontroller to the I2C bus of the accelerometer sensor. If we close between their middle
point and point 1, the microcontroller is connected to the external I2C connector, allowing
communication with an external device respecting the I2C standard protocol specifications.
The left diagram in Figure 16 shows the configuration to select the accelerometer on the I2C
bus. The diagram on the right is extracted from the schematic.
Table 10.
Pin numbering for the UART connector
Pin number
Function
1-
2Rx1
3Tx1
4-
5GND
6-
7Tx2
8Rx2
9NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com