Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0442 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0442
Description  Multiple application platform based on STR750FV2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0442 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0442 Datasheet HTML 16Page - STMicroelectronics UM0442 Datasheet HTML 17Page - STMicroelectronics UM0442 Datasheet HTML 18Page - STMicroelectronics UM0442 Datasheet HTML 19Page - STMicroelectronics UM0442 Datasheet HTML 20Page - STMicroelectronics UM0442 Datasheet HTML 21Page - STMicroelectronics UM0442 Datasheet HTML 22Page - STMicroelectronics UM0442 Datasheet HTML 23Page - STMicroelectronics UM0442 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Hardware configuration and functionality
UM0442
20/33
Figure 18.
The ADC connector schematic
The ADC peripheral channels used for this connector are: 2, 13, 14 and 15, connected to
pins P0.12, P1.12, P1.13 and P1.14 respectively.
The dedicated potentiometer (useful to test the peripheral features) is also present in the
STR750-MAP layout adjacent to the connector. It is attached to the ADC channel 12 (pin
P1.11): see Figure 19 below.
Figure 19.
The ADC potentiometer schematic
4.18
User LEDs and push buttons
As well as the ADC connector and potentiometer, debugging and testing capabilities of the
user specific applications are also supported by 6 on-board user LEDs and 2 push buttons.
Each LED is accessible by connecting the correspondent jumper which is to minimize the
load effects on the other peripherals that use the same pin-out (i.e. the user LEDs attached
to pins P0.22 and P0.23 share this port with the UART connector circuit). These jumpers are
given in Figure 20 and are also illustrated in the board silkscreen.
Figure 20.
User LEDs schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com