Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0442 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0442
Description  Multiple application platform based on STR750FV2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0442 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0442 Datasheet HTML 8Page - STMicroelectronics UM0442 Datasheet HTML 9Page - STMicroelectronics UM0442 Datasheet HTML 10Page - STMicroelectronics UM0442 Datasheet HTML 11Page - STMicroelectronics UM0442 Datasheet HTML 12Page - STMicroelectronics UM0442 Datasheet HTML 13Page - STMicroelectronics UM0442 Datasheet HTML 14Page - STMicroelectronics UM0442 Datasheet HTML 15Page - STMicroelectronics UM0442 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Hardware configuration and functionality
UM0442
12/33
4.9
Mini-USB connector
The mini-USB connector provides both data management features as well as board supply
operations (board supply and battery pack recharge), see Figure 10 and Table 4.
Figure 10.
Standard Mini-USB connector
This standard connector is defined as part of the USB-OTG (USB On The Go)
enhancement. It features a single connector type (A or B) and peer-to-peer operations.
The configuration present on the STR750-MAP is Type B, as pin 4 is not connected (NC in
the table).
The USB-OTG is a supplement to the USB 2.0 (or USB 1.0) specifications that allow USB
devices to have more flexibility in managing USB connections.
As known, the standard USB (USB 1.1/2.0) uses Master/Slave architecture. A USB host
acts as a Master and a USB peripheral (aka USB Device) acts as a Slave. Only the USB
host can schedule the configuration and data transfers over the link, while the USB
peripherals cannot initiate data transfers. They only respond to instructions given by a Host.
The USB-OTG compatible devices are able to initiate the session, control the connection
and exchange Host/Peripheral roles between each other.
With this new architecture, two new protocols are introduced: SRP (Session Request
Protocol) and HNP (Host Negotiation Protocol).
Two new classes of devices are defined: OTG A-device and OTG B-device. This
terminology defines which side supplies power (VBUS) to the link. The OTG A-device is a
supplier and an OTG B-device (our case) is a consumer. The default link configuration is
that A-device is Host and B-device is a Peripheral (this may be reversed later by using HNP).
These devices are fully backward compliant with USB 1.1/2.0 and behave as standard USB
Hosts or Peripherals when connected to standard (no OTG) USB devices.
Table 4.
Pins and signals correspondence for the Mini-USB connector
Pin number
Name
Colour
Notes
1
VBus
Red
Power
2
D-
White
Data -
3
D+
Green
Data +
4
ID
-
Type A – GND/Type B - NC
5GND
Black
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com