Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2485 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2485
Description  400 W FOT-controlled PFC pre-regulator with the L6563
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2485 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2485 Datasheet HTML 1Page - STMicroelectronics AN2485 Datasheet HTML 2Page - STMicroelectronics AN2485 Datasheet HTML 3Page - STMicroelectronics AN2485 Datasheet HTML 4Page - STMicroelectronics AN2485 Datasheet HTML 5Page - STMicroelectronics AN2485 Datasheet HTML 6Page - STMicroelectronics AN2485 Datasheet HTML 7Page - STMicroelectronics AN2485 Datasheet HTML 8Page - STMicroelectronics AN2485 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
March 2007
Rev 1
1/29
AN2485
Application note
400 W FOT-controlled PFC pre-regulator with the L6563
Introduction
This application note describes an evaluation board based on the Transition-mode PFC
controller L6563 and presents the results of the bench evaluation. The board implements a
400 W, wide-range mains input, a PFC pre-conditioner suitable for ATX PSU, or a flat
screen display. The chip is operated with Fixed-Off-Time control in order to use a low-cost
device like the L6563 which is usually prohibitive at this power level. Fixed-Off-Time control
allows Continuous Conduction Mode operation which is normally achieved with more
expensive control chips and more complex control architectures.
L6563 400W FOT PFC Demo board (EVAL6563-400W)
www.st.com


Similar Part No. - AN2485

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2482 STMICROELECTRONICS-AN2482 Datasheet
865Kb / 18P
The purpose of this document
08-Feb-2006
AN2483 STMICROELECTRONICS-AN2483 Datasheet
48Kb / 6P
Video signal standards
15-May-2007
AN2484 STMICROELECTRONICS-AN2484 Datasheet
674Kb / 10P
STOTG04 in power down mode
03-Apr-2007
AN2487 STMICROELECTRONICS-AN2487 Datasheet
868Kb / 32P
power over Ethernet powered device demonstration board
08-Aug-2008
More results

Similar Description - AN2485

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6563-400W STMICROELECTRONICS-EVAL6563-400W Datasheet
152Kb / 6P
L6563 400 W FOT-controlled PFC pre-regulator
26-Jan-2007
EVL6562A-400W STMICROELECTRONICS-EVL6562A-400W Datasheet
150Kb / 9P
L6562A 400W FOT-controlled PFC pre-regulator evaluation board
07-Feb-2008
EVL6566A-75WADP STMICROELECTRONICS-EVL6566A-75WADP Datasheet
202Kb / 8P
19 V - 75 W laptop adapter with tracking boost PFC pre-regulator, using the L6563 and the L6566A
28-Sep-2007
AN2755 STMICROELECTRONICS-AN2755 Datasheet
710Kb / 24P
400 W FOT-controlled PFC pre-regulator with the L6562A
30-Jul-2008
AN2994 STMICROELECTRONICS-AN2994 Datasheet
2Mb / 38P
400 W FOT-controlled PFC pre-regulator with the L6563S
30-Nov-2010
AN3063 STMICROELECTRONICS-AN3063 Datasheet
1Mb / 33P
100 W transition-mode PFC pre-regulator with the L6563H
06-Sep-2010
AN3065 STMICROELECTRONICS-AN3065 Datasheet
1Mb / 33P
100 W transition-mode PFC pre-regulator with the L6563S
06-Sep-2010
AN3118 STMICROELECTRONICS-AN3118 Datasheet
1Mb / 31P
250 W transition-mode PFC pre-regulator with the new L6563H
26-Nov-2010
AN3119 STMICROELECTRONICS-AN3119 Datasheet
2Mb / 32P
250 W transition-mode PFC pre-regulator with the new L6563S
24-Nov-2010
AN4077 STMICROELECTRONICS-AN4077 Datasheet
1Mb / 33P
100 W transition-mode PFC pre-regulator with the new L6564H
05-Sep-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com