Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2485 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2485
Description  400 W FOT-controlled PFC pre-regulator with the L6563
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2485 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2485 Datasheet HTML 6Page - STMicroelectronics AN2485 Datasheet HTML 7Page - STMicroelectronics AN2485 Datasheet HTML 8Page - STMicroelectronics AN2485 Datasheet HTML 9Page - STMicroelectronics AN2485 Datasheet HTML 10Page - STMicroelectronics AN2485 Datasheet HTML 11Page - STMicroelectronics AN2485 Datasheet HTML 12Page - STMicroelectronics AN2485 Datasheet HTML 13Page - STMicroelectronics AN2485 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Test results and significant waveforms
AN2485
10/29
2.2
Inductor current in FOT and L6563 THD optimizer
Figure 16, 17, 18, and 19 show the waveforms relevant to the inductor current at different
voltage mains. As shown in Figure 16. and Figure 18., the inductor current waveform over a
line half-period is very similar to that of a CCM PFC. It is also possible to note the transition
angle from DCM to CCM that occurs closer to the zero crossing of the current sine wave at
low mains and move toward the top if the circuit is working at high mains. In Figure 17. and
Figure 19. the magnification of the waveforms at the peak of the sine wave, shows the
different ripple current and Off-times, which is modulated by the input mains voltage.
On both the drain voltage traces reported in Figure 16. and Figure 18., close to the zero
crossing points of the sine wave, it is possible to note the action of the THD optimizer
embedded in the L6563. It is a circuit that minimizes the conduction dead-angle occurring to
the AC input current near the zero-crossings of the line voltage (crossover distortion). In this
way, the THD (Total Harmonic Distortion) of the current is considerably reduced. A major
cause of this distortion is the inability of the system to transfer energy effectively when the
instantaneous line voltage is very low. This effect is magnified by the high frequency filter
capacitor placed after the bridge rectifier, which retains some residual voltage that causes
the diodes of the bridge rectifier to be reverse-biased and the input current flow to
temporarily stop. To overcome this issue the device forces the PFC pre-regulator to process
more energy near the line voltage zero-crossings as compared to that commanded by the
control loop.
The result is both a minimization of the time interval where energy transfer is lacking and a
full discharge of the high-frequency filter capacitor after the bridge. Essentially, the circuit
artificially increases the ON-time of the power switch with a positive offset added to the
output of the multiplier in the proximity of the line voltage zero-crossings. This offset is
reduced as the instantaneous line voltage increases, so that it becomes negligible as the
line voltage moves toward the top of the sinusoid. The offset is modulated by the voltage on
Figure 16.
EVAL6563-400W Inductor current
ripple envelope at 115 Vac - 60 Hz -
full load
Figure 17.
EVAL6563-400W Inductor current
ripple (detail) at 115 Vac - 60 Hz -
full load
CH1: Q1/Q2 Drain voltage
CH2: MULT voltage - pin #3
CH4: L4 inductor current ripple envelope
CH1: Q1/Q2 Drain voltage
CH2: MULT voltage - pin #3
CH4: L4 inductor current ripple envelope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com