Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2485 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2485
Description  400 W FOT-controlled PFC pre-regulator with the L6563
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2485 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2485 Datasheet HTML 10Page - STMicroelectronics AN2485 Datasheet HTML 11Page - STMicroelectronics AN2485 Datasheet HTML 12Page - STMicroelectronics AN2485 Datasheet HTML 13Page - STMicroelectronics AN2485 Datasheet HTML 14Page - STMicroelectronics AN2485 Datasheet HTML 15Page - STMicroelectronics AN2485 Datasheet HTML 16Page - STMicroelectronics AN2485 Datasheet HTML 17Page - STMicroelectronics AN2485 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Test results and significant waveforms
AN2485
14/29
2.4
Start-up and RUN pin
Figure 26. and Figure 27. detail the waveforms during the start-up of the circuit, at mains
plug-in. The Vcc voltage rises to the turn-on threshold, and the L6563 starts the operation.
For a short time the energy is supplied by the Vcc capacitor, then the auxiliary winding and
the charge pump circuit take over. At the same time, the output voltage rises from peak
value of the rectified mains to the nominal value of the PFC output voltage. The good
margin phase of the compensation network allows a clean start-up, without any large
overshoot that would trigger the Dynamic and Static over voltage protection.
Figure 24.
EVAL6563-400W Input current
shape at 100 Vac-60 Hz vs. VFF
ripple - CFF = 470 nF
Figure 25.
EVAL6563-400W Input current
shape at 100 Vac-60 Hz vs. VFF
ripple - CFF = 1.5 uF
THD [%]: 3.39% - 3RD harmonic: 0.126 A
CH4: Input current
CH3: VFF voltage - pin #5
THD [%]: 2.75% - 3RD harmonic: 0.109 A
CH4: Input current
CH3: VFF voltage - pin #5
Figure 26.
EVAL6563-400W start-up at 90 Vac-
60 Hz - full load
Figure 27.
EVAL6563-400W start-up at 265
Vac-50 Hz - full load
CH1: Output voltage
CH2: Pin #14 - Vcc voltage
CH4: Pin #13 - Gate drive
CH3: Pin #10 - RUN
CH1: Output voltage
CH2: Pin #14 - Vcc voltage
CH4: Pin #13 - Gate drive
CH3: Pin #10 - RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com