Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2485 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2485
Description  400 W FOT-controlled PFC pre-regulator with the L6563
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2485 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2485 Datasheet HTML 21Page - STMicroelectronics AN2485 Datasheet HTML 22Page - STMicroelectronics AN2485 Datasheet HTML 23Page - STMicroelectronics AN2485 Datasheet HTML 24Page - STMicroelectronics AN2485 Datasheet HTML 25Page - STMicroelectronics AN2485 Datasheet HTML 26Page - STMicroelectronics AN2485 Datasheet HTML 27Page - STMicroelectronics AN2485 Datasheet HTML 28Page - STMicroelectronics AN2485 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
AN2485
Bill of material
25/29
R4
180 K
1206
SMD STD FILM RES - 5% - 250ppm/°C
BC COMPONENTS
R5
47R
1206
SMD STD FILM RES - 5% - 250ppm/°C
BC COMPONENTS
R6
2M2
1206
SMD STD FILM RES - 5% - 250ppm/°C
BC COMPONENTS
R7
2M2
1206
SMD STD FILM RES - 5% - 250ppm/°C
BC COMPONENTS
R8
2M2
1206
SMD STD FILM RES - 5% - 250ppm/°C
BC COMPONENTS
R9
680 K
1206
SMD STD FILM RES - 1% - 250ppm/°C
BC COMPONENTS
R101
0R0
1206
SMD STD FILM RES - 5% - 250ppm/°C
BC COMPONENTS
R102
0R0
1206
SMD STD FILM RES - 5% - 250ppm/°C
BC COMPONENTS
U1
L6563
SO-14
ADVANCED TM PFC CONTROLLER
STMicroelectronics
Table 2.
Bill of material (continued)
Ref.
des.
Part type-
part value
Case/
package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com