Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2544 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2544
Description  Designing a low cost power supply using
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2544 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2544 Datasheet HTML 2Page - STMicroelectronics AN2544 Datasheet HTML 3Page - STMicroelectronics AN2544 Datasheet HTML 4Page - STMicroelectronics AN2544 Datasheet HTML 5Page - STMicroelectronics AN2544 Datasheet HTML 6Page - STMicroelectronics AN2544 Datasheet HTML 7Page - STMicroelectronics AN2544 Datasheet HTML 8Page - STMicroelectronics AN2544 Datasheet HTML 9Page - STMicroelectronics AN2544 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Circuit operation
AN2544
6/17
Figure 2.
Inductor current: 470 µH VS 1000 µH
The blue trace is the current with 470 µH inductor and the purple trace is the current with a
1000 µH inductor.
On the above scope plot in Figure 2, the trace represents the current going through the
inductor. Current charges up the inductor during the time the MOSFET is on. At this time,
the source pin is the same as the rectified line input and the current is ramping up. At 350
mA output current, the peak of the current is 550 mA for a 470 µH inductor, the blue trace.
The worse case condition for the VIPer Idlim is 560 mA. So therefore we are close to the
pulse by pulse current limit trip point. This is manifested by the output voltage dropping as
the output current is being raised past the limit. 470 µH inductor is the minimum value that
can be used from the calculations for a 350 mA output. A good compromise is a 1000 µH
making the swing less, keeping the peak at 443 mA, away from the 560 mA current limit.
Looking at the purple trace the turn-on losses are increased and the turn-off losses are
decreased in the MOSFET inside the VIPer.
It is best to choose the inductor to give ½ the ripple current between discontinuous to
continuous. This is the best compromise when working close to the maximum current. The
trade-off is a little more heat for the safety margin away from the current trip point.
VIPer temperature rise with two different inductors at 350 mA is:
Table 2.
VIPer temperature rise with different inductors
Inductor
Maximum peak current
VIPer22ADIP-E temperature rise
470 µH
550 mA
34 °C
1000 µH
443 mA
40.5 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com