Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2544 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2544
Description  Designing a low cost power supply using
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2544 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2544 Datasheet HTML 1Page - STMicroelectronics AN2544 Datasheet HTML 2Page - STMicroelectronics AN2544 Datasheet HTML 3Page - STMicroelectronics AN2544 Datasheet HTML 4Page - STMicroelectronics AN2544 Datasheet HTML 5Page - STMicroelectronics AN2544 Datasheet HTML 6Page - STMicroelectronics AN2544 Datasheet HTML 7Page - STMicroelectronics AN2544 Datasheet HTML 8Page - STMicroelectronics AN2544 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
November 2007
Rev 4
1/17
AN2544
Application note
Designing a low cost power supply using a
VIPer12/22A-E in a buck configuration
Introduction
Many appliances today use nonisolated power supply to furnish low output power required
to run a micro, LED display, and a few relays or AC switches. This type of power supply has
a single rectifier so as to reference the neutral to output ground in order to fire TRIACs or AC
switches. This article describes the use of the VIPer12A-E and the VIPer22A-E which are
pin-for-pin compatible and can supply power for many applications. This paper provides an
off-line, nonisolated power supply evaluation board based on the VIPer12/22A-E. Four
different examples are covered. The VIPer12A-E is used for 12 V at 200 mA and 16 V at 200
mA. The VIPer22A-E is used for 12 V at 350 mA and 16 V at 350 mA. The same board can
be used for any output voltage from 10 V to 35 V. For outputs less than 16 V, D6 and C4 are
populated and W1 is omitted. For outputs greater than 16 V, D6 and C4 are omitted and W1
is populated. For more design detail, see AN1357 "VIPower: low cost power sullies using
the VIPer12A-E in nonisolated application." The objective of this application note is to
familiarize the end user with this reference design and to quickly modify it for different
voltage output. This design gives:
■ Lowest possible component count
■ Integrated thermal overload protection
■ About 200 mW at no-load consumption
■ Efficiency measured between 70% to 80% at full load
■ Integrated Short circuit protection
Figure 1.
Evaluation board (STEVAL-ISA035V1)
Table 1.
Operating conditions for the four samples
Board version (with changes)
Output voltage and current
Input voltage range
85 Vac to 264 Vac
Input voltage frequency range
50/60 Hz
Output version 1
VIPer22ADIP-E
12 V at 350 mA
4.2 W
Output version 2
VIPer12ADIP-E
12 V at 200 mA
2.4 W
Output version 3
VIPer22ADIP-E
16 V at 350 mA
5.6 W
Output version 4
VIPer12ADIP-E
16 V at 200 mA
3.2 W
www.st.com


Similar Part No. - AN2544

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2540 STMICROELECTRONICS-AN2540 Datasheet
238Kb / 25P
EEPROM emulation in STR91xFxx devices
05-Apr-2013
AN2542 STMICROELECTRONICS-AN2542 Datasheet
783Kb / 16P
This board is designed for the evaluation of the BT-STA2416C2 receiver module in an A2DP
23-May-2007
logo
Panasonic Semiconductor
AN2546FH-A PANASONIC-AN2546FH-A Datasheet
431Kb / 29P
Automotive LCD TV signal processor IC
logo
STMicroelectronics
AN2549 STMICROELECTRONICS-AN2549 Datasheet
441Kb / 33P
Porting an application from the ST10F269Zx to the ST10F272Z2
05-Jul-2007
More results

Similar Description - AN2544

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8079 ONSEMI-AND8079 Datasheet
150Kb / 20P
A Low Cost DDR Memory Power Supply Using the NCP1571 Synchronous Buck Converter and a LM358 Based Linear Voltage Regulator
October, 2002 - Rev. 1
logo
Maxim Integrated Produc...
AN1156 MAXIM-AN1156 Datasheet
28Kb / 3P
Low-Cost AC Supply
Jul 29, 2002
logo
Phihong USA Inc.
PSA120-050 PHIHONG-PSA120-050 Datasheet
76Kb / 2P
120 Watt Low Cost Open Frame Power Supply
logo
Analog Devices
AN-502 AD-AN-502 Datasheet
203Kb / 12P
Designing a Superheterodyne Receiver Using an IF Sampling Diversity Chipset
logo
Seoul Semiconductor
SAWX4A0X SEOUL-SAWX4A0X Datasheet
1Mb / 22P
Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
logo
Analog Devices
AD8279ARZ AD-AD8279ARZ Datasheet
513Kb / 24P
Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
logo
Phihong USA Inc.
PSA120-050 PHIHONG-PSA120-050_14 Datasheet
168Kb / 3P
120 Watt Low Cost Open Frame Power Supply
logo
STMicroelectronics
AN628 STMICROELECTRONICS-AN628 Datasheet
784Kb / 35P
DESIGNING A HIGH POWER FACTOR SWITCHING
Apr-2004
logo
Recom International Pow...
RCOB RECOM-RCOB Datasheet
479Kb / 5P
Low Cost 230VAC LED Power Supply
logo
Applied Motion Products...
RC880 AMP-RC880 Datasheet
647Kb / 2P
When using a regulated power supply for a drive
Rev A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com