Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2544 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2544
Description  Designing a low cost power supply using
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2544 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2544 Datasheet HTML 8Page - STMicroelectronics AN2544 Datasheet HTML 9Page - STMicroelectronics AN2544 Datasheet HTML 10Page - STMicroelectronics AN2544 Datasheet HTML 11Page - STMicroelectronics AN2544 Datasheet HTML 12Page - STMicroelectronics AN2544 Datasheet HTML 13Page - STMicroelectronics AN2544 Datasheet HTML 14Page - STMicroelectronics AN2544 Datasheet HTML 15Page - STMicroelectronics AN2544 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Circuit operation
AN2544
12/17
Figure 10.
Burst mode
1.8
Short circuit
The VIPer has pulse-by-pulse current limit. When the current ramps up to the current limit,
the pulse is terminated. This is manifested by reducing the output voltage as the current is
increased. The voltage decreases until it falls below the undervoltage shutdown threshold of
9 V, (pin4). During a short circuit the VIPer turns on and off. When the Vdd reaches the
starting voltage, the current is limited by the pulse-by-pulse current limit. The voltage falls to
the undervoltage shutdown point and the cycle repeats itself at a 16% duty cycle. This
reduces the RMS current going through the circuit as seen in Figure 11.
Figure 11.
Operation during a short



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com