Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2544 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2544
Description  Designing a low cost power supply using
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2544 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2544 Datasheet HTML 6Page - STMicroelectronics AN2544 Datasheet HTML 7Page - STMicroelectronics AN2544 Datasheet HTML 8Page - STMicroelectronics AN2544 Datasheet HTML 9Page - STMicroelectronics AN2544 Datasheet HTML 10Page - STMicroelectronics AN2544 Datasheet HTML 11Page - STMicroelectronics AN2544 Datasheet HTML 12Page - STMicroelectronics AN2544 Datasheet HTML 13Page - STMicroelectronics AN2544 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Circuit operation
AN2544
10/17
The above board can be modified to any voltage output from 10 V to 15 V by changing DZ.
To modify the board to 16 or higher, D6 and C4 can be omitted and the jumper wire can be
installed. For 16 V operation or higher, Vdd and Vf can share the same source without
having the current leak through the Zener and Vf pin path. The output voltage can be
changed by changing DZ from 16 V Zener to a higher value matching the output voltage. If
less current is required, the board can be changed with a VIPer12A-E dip which is pin-for-
pin compatible with the VIPer22ADIP-E.
Also one of the input capacitors, C2, can be reduced to 4.7 µF. Various data and waveforms
from evaluation boards can be seen in the following pages.
The Vdd cap has to be sized according to the output load and the size of the output
capacitor.
Table 3.
Bill of material for VIPer22A-E Buck 12 V at 350 mA
Item
Qty
Ref.
Part
V/W
Description
CAT#
1
1
Cx
0.022
50 V
X7R +/-10%
GP SM Ceramic
2
2
C1,C2
10 µF
400 V
105 C
UCC
EKMG401ELL100MJ20S
3
1
C3
4.7 µF
25 V
X7R +/-10%
TDK C3216X7R1E475K
4
1
C4
0.47 µF
25 V
X7R +/-10%
TDK C2012X7R1E474K
5
1
C6
47 µF
50 V
105 C Low ESR
Low ESR
6
1
C7
0.1 µ
1 kV
X7R +/-15%
Murata
GRM55DR73A104KW011
7
1
DZ
12 V
zener
BZT5212FDICT
8
1
DZ1
16 V
zener
BZT5216FDICT
9
3
D1,D6,D8
S1MDICT
SM GP Diode 1 kV 1 A
S1MD
10
1
D5
STTH1R06A
600 V 1 A Ultrafast
STMicroelectronics
11
2
J1, J2
2 pin
Mouser 651-1751099
12
1
L0
470 µH
140 mA
JW Miller 5300-33
13
1
L1
1 mH
400 mA
Compostar Q3277 or
JW Miller RL895-102K
14
1
R0
10
Ω
1 W
wire wound
ALSR1J-10
15
1
R1
1 k
Ω
5%
SM 1206 CERAMIC
16
1
U1
VIPer22ADIP-E
STMicroelectronics
Table 4.
Bill of material for VIPer22A-E Buck 16 V at 350 mA
For 16 V or higher operation.
Omit
1
D8
S1MDICT
SM GP Diode
1 kV 1A
S1MD
Omit
1
C4
0.47 µF
25 V
X7R +/-10%
TDK C2012X7R1E474K
Add
1
Jumper
Wire jumper
24 AWG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com