Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2816 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2816
Description  High-efficiency step-down controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2816 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2816 Datasheet HTML 4Page - STMicroelectronics AN2816 Datasheet HTML 5Page - STMicroelectronics AN2816 Datasheet HTML 6Page - STMicroelectronics AN2816 Datasheet HTML 7Page - STMicroelectronics AN2816 Datasheet HTML 8Page - STMicroelectronics AN2816 Datasheet HTML 9Page - STMicroelectronics AN2816 Datasheet HTML 10Page - STMicroelectronics AN2816 Datasheet HTML 11Page - STMicroelectronics AN2816 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Bill of material
AN2816
8/36
1
R9
Chip resistor, 0.1 W, 1%
SMD
0603
Standard
13 k
Ω
1
R10
Chip resistor, 0.1 W, 1%
SMD
0603
Standard
0
4
R11, R12,
R13,R18
Chip resistor, 0.1 W, 1%
SMD
0603
Standard
100 k
Ω
2
R14, R15
Chip resistor, 0.1 W, 1%
SMD
0805
Standard
N.M
1
R16
Chip resistor, 0.1 W, 1%
SMD
0805
Standard
4R7
1
R17
Chip resistor, 0.1 W, 1%
SMD
0603
Standard
0
1
R19
Chip resistor, 0.1 W, 1%
SMD
0603
Standard
7k5
1
R20
Chip resistor, 0.1 W, 1%
SMD
0603
Standard
10 k
Ω
1
L1
SMT, 13.4 Arms, 2.57 m
Ω
10.5x10.5
mm
MLC1240-
901MX
Coilcraft
0.9 µH
2
Q1, Q2
N-Channel, 30 V
SO-8
STS12NH3LL
STMicroelectronics
STS12NH3LL
1
D1
Schottky, 30 V, 0.3 A
SOD-323
BAT54J
STMicroelectronics
BAT54J
1
D2
Schottky, 30 V, 1 A
DO216-
AA
STPS1L30M
STMicroelectronics
STPS1L30M
1
D3
Schottky, 30 V, 1 A
DO216-
AA
STPS1L30M
STMicroelectronics
N.M.
1
U1
Controller
VFQFPN-
24
PM6675S
STMicroelectronics
PM6675S
11
J1, J2, J3,
J4, J5, J6,
J7, J8, J9,
J10,J11
Header, single pin
3
JP1, JP2,
JP3
Jumper, 2x3, 100 mils
1
JP5
PCB pads selector
1
TP6
Test point
1
SW1
Dip switch 2
DIP-2
Standard
Table 1.
PM6675S demonstration board bill of material (continued)
Qty Component
Description
Package
Part number
Manufacturer
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com