Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2816 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2816
Description  High-efficiency step-down controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2816 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2816 Datasheet HTML 20Page - STMicroelectronics AN2816 Datasheet HTML 21Page - STMicroelectronics AN2816 Datasheet HTML 22Page - STMicroelectronics AN2816 Datasheet HTML 23Page - STMicroelectronics AN2816 Datasheet HTML 24Page - STMicroelectronics AN2816 Datasheet HTML 25Page - STMicroelectronics AN2816 Datasheet HTML 26Page - STMicroelectronics AN2816 Datasheet HTML 27Page - STMicroelectronics AN2816 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
PM6675S demonstration tests
AN2816
24/36
10.3
VOUT and LOUT load regulation
Figure 19
and 20 refer to VOUT and LOUT output voltage variations versus load current. The
switching section directly supplies the linear LDO.
Figure 19.
VOUT load regulation - VIN = 12 V
Figure 20.
LOUT load regulation - LDOIN = 1.5 (VOUT), he dropout voltage (0.35 V)
limits the maximum sourced current to about 1.8 A
AM01018v1
1.5 V load regulation
1.48
1.49
1.50
1.51
1.52
1.53
1.54
Output current [A]
PWM
No aud. SKIP
SKIP
0.1
0.10
1.00
10.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com