Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2816 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2816
Description  High-efficiency step-down controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2816 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2816 Datasheet HTML 28Page - STMicroelectronics AN2816 Datasheet HTML 29Page - STMicroelectronics AN2816 Datasheet HTML 30Page - STMicroelectronics AN2816 Datasheet HTML 31Page - STMicroelectronics AN2816 Datasheet HTML 32Page - STMicroelectronics AN2816 Datasheet HTML 33Page - STMicroelectronics AN2816 Datasheet HTML 34Page - STMicroelectronics AN2816 Datasheet HTML 35Page - STMicroelectronics AN2816 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
AN2816
PM6675S demonstration tests
33/36
10.10
LOUT current limit (foldback)
The linear LDO regulator has a foldback protection feature which reduces the current limit to
about 1 A when the output voltage is outside the ±10% Power Good window. The current
limit is restored to about 2 A when the output voltage re-enters the Power Good window. If
the LDO programmed current limit is 1 A, when the output voltage is outside the ±10%
power good window, the short circuit current is about 500 mA.
Figure 33.
LOUT current limit during an output short
AM01032v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com