Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2816 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2816
Description  High-efficiency step-down controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2816 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2816 Datasheet HTML 14Page - STMicroelectronics AN2816 Datasheet HTML 15Page - STMicroelectronics AN2816 Datasheet HTML 16Page - STMicroelectronics AN2816 Datasheet HTML 17Page - STMicroelectronics AN2816 Datasheet HTML 18Page - STMicroelectronics AN2816 Datasheet HTML 19Page - STMicroelectronics AN2816 Datasheet HTML 20Page - STMicroelectronics AN2816 Datasheet HTML 21Page - STMicroelectronics AN2816 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Getting started
AN2816
18/36
9
Getting started
The following step-by-step power-up and power-down sequences are provided in order to
correctly evaluate the PM6675S demonstration board performance.
●
Power-up sequence
–
Working in an ESD-protected environment is highly recommended. Check all wrist
straps and ground mat connections before handling the PM6675S demonstration
board
–
Connect power supplies as shown in the PM6675S demonstration board test
setup (Figure 13) and insert the meters in order to perform the desired
performance evaluation. Connect the scope-probes as desired
–
Set the JP1 through JP5 jumpers in order to properly configure the PM6675S
board (default position suggested). Set the SWEN-LEN switches to the on position
(upper position). Do not change jumper settings when the board is powered
–
Set the VCC supply to 5 V±5% and the current limit to 100 mA
–Set the VIN supply to a voltage in the range 4.5 V to 28 V. An initial test at 12 V and
3 A current limit is suggested
–
Set all the loads to 0 A
–
Turn-on the VIN supply
–
Turn-on the VCC supply
–Vary the VOUT load from 0 A to 10 A
–Vary the LOUT load from 0 A to 2 A to test source capability. If a different LDO input
is desired, connect the external rail as dashed in Figure 13 and remove the R6
resistor. All changes must be done when the board is not powered
–Vary VIN supply from 4.5 V to 28 V
●
Power-down sequence
–
Decrease LOUT loads to 0 A
–
Reduce VOUT load to 5 A
–
Decrease VCC supply from 5 V to 3.8 V in order to test the UVLO
–
Increase VCC supply from 3.8 V to 5 V to restart the device
–
Use the SWEN-LEN switches to test soft-start and soft-end on both outputs
–
Turn-off the VOUT load
–
Turn-off the VCC supply
–
Turn-off the VIN supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com