Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2818 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2818
Description  NiMH battery charger demonstration board through USB based on the ST7FLIT15BY0
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2818 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2818 Datasheet HTML 2Page - STMicroelectronics AN2818 Datasheet HTML 3Page - STMicroelectronics AN2818 Datasheet HTML 4Page - STMicroelectronics AN2818 Datasheet HTML 5Page - STMicroelectronics AN2818 Datasheet HTML 6Page - STMicroelectronics AN2818 Datasheet HTML 7Page - STMicroelectronics AN2818 Datasheet HTML 8Page - STMicroelectronics AN2818 Datasheet HTML 9Page - STMicroelectronics AN2818 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Theory of operation
AN2818
6/24
1.1.3
Maximum temperature detection method
With this method, if the temperature rises above a threshold, charging is stopped and trickle
charging is started.
1.1.4
dT/dt detection method
With an NiMH battery, as shown in Figure 1, there is an increase in the temperature vs. time
curve (approximately 1 to 2 °C/min) towards the end of charging. When a rise in the
temperature is detected by the thermistor or any other temperature sensor (NTC in this
case) during rapid charging, and the prescribed temperature increase is sensed, rapid
charging is stopped and trickle charging is started.
In the example implementation mentioned in Chapter 4, the zero delta voltage method is
used as the primary technique for terminating the charge. Time out, max voltage and max
temperature are used as the secondary or backup methods for ending the charge. Once the
battery is saturated, its voltage is still monitored to prevent the battery from discharging
completely and a saturation current is provided to compensate for the self-leakage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com