Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2818 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2818
Description  NiMH battery charger demonstration board through USB based on the ST7FLIT15BY0
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2818 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2818 Datasheet HTML 6Page - STMicroelectronics AN2818 Datasheet HTML 7Page - STMicroelectronics AN2818 Datasheet HTML 8Page - STMicroelectronics AN2818 Datasheet HTML 9Page - STMicroelectronics AN2818 Datasheet HTML 10Page - STMicroelectronics AN2818 Datasheet HTML 11Page - STMicroelectronics AN2818 Datasheet HTML 12Page - STMicroelectronics AN2818 Datasheet HTML 13Page - STMicroelectronics AN2818 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Example of USB NiMH charger implementation using the STEVAL-ISB003V1
AN2818
10/24
3
Example of USB NiMH charger implementation using
the STEVAL-ISB003V1
3.1
Introduction to the STEVAL-ISB003V1
This board consists of a low-speed USB controller based on the ST72F60E2M1 and a
battery charger based on the ST7FLIT15BY0.
The board includes a power selector circuit to select the appropriate power supply source
and a step-up converter circuit based on a synchronous step-up converter (L6920) device to
provide a fixed O/P voltage to the USB controller. The power supply for the battery charger
controller is generated from an adjustable voltage reference (TL1431) keeping in mind the
accuracy requirement for charging. An additional current limiter is also located in series with
the USB power supply to show any incorrect behavior through a status LED.
Any external low-speed USB controller can be used with this demonstration board to control
the charger operation.
The charger used in the present demonstration board uses a modified form of non-inverting
buck-boost converter to support the charging voltage requirement for single-cell Li-Ion
batteries. In-circuit programming (ICP) connectors are also available with the demonstration
board to program the USB controller and charger system if necessary.
3.2
Customizing the STEVAL-ISB003V1 for NiMH charger
The STEVAL-ISB003V1 is a platform used to implement the USB-based Li-Ion battery
charger application. Refer to UM0497 for more information on the STEVAL-ISB003V1
demonstration board.
Figure 5.
USB-based battery charger demonstration board (STEVAL-ISB003V1)
AM01044v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com