Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2818 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2818
Description  NiMH battery charger demonstration board through USB based on the ST7FLIT15BY0
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2818 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2818 Datasheet HTML 10Page - STMicroelectronics AN2818 Datasheet HTML 11Page - STMicroelectronics AN2818 Datasheet HTML 12Page - STMicroelectronics AN2818 Datasheet HTML 13Page - STMicroelectronics AN2818 Datasheet HTML 14Page - STMicroelectronics AN2818 Datasheet HTML 15Page - STMicroelectronics AN2818 Datasheet HTML 16Page - STMicroelectronics AN2818 Datasheet HTML 17Page - STMicroelectronics AN2818 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Working with the demonstration board
AN2818
14/24
To properly connect the battery to the slot, It is good practice to start by soldering a
particular slot to this connector and then connect the battery to this slot. You can connect
the battery directly to the connector, but note that improper connection can affect the
accuracy of the analog measurement, which in turn can affect the overall accuracy of the
charge.
The battery terminals are connected to pins 1 and 3. One end of the NTC is connected to
pin 2, while the other end is connected to ground (Figure 8). Additionally, the NTC is placed
close to the battery so as to have an accurate temperature reading of the battery.
4.3
Monitoring the battery charging status
The demonstration board has two LEDs: D8 and D9. The functions of these LEDs are
explained in Table 1 and show the charging status.
Note:
A charging error occurs when:
●
there is a hot or cold condition
●
there is a short-circuit condition
●
the impedance of the battery is very low.
Note:
When the impedance of the battery is very high, the current ceases to flow through the
battery. In this case, charging is stopped and the status LED shows "charging done" (case 3
in Table 1).
Figure 8.
NiMH battery and NTC connection to the 3-pin connector
Table 1.
Charging status LEDs
Case
Charging status
Red LED (D8)
Green LED (D9)
1
Battery not present/idle
OFF
OFF
2
Charging ongoing
ON
OFF
3
Charging done
OFF
ON
4
Charging error
ON
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com