Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2827 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2827
Description  Driver for double flash LED with I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2827 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2827 Datasheet HTML 1Page - STMicroelectronics AN2827 Datasheet HTML 2Page - STMicroelectronics AN2827 Datasheet HTML 3Page - STMicroelectronics AN2827 Datasheet HTML 4Page - STMicroelectronics AN2827 Datasheet HTML 5Page - STMicroelectronics AN2827 Datasheet HTML 6Page - STMicroelectronics AN2827 Datasheet HTML 7Page - STMicroelectronics AN2827 Datasheet HTML 8Page - STMicroelectronics AN2827 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
June 2009
Doc ID 15047 Rev 1
1/30
AN2827
Application note
Driver for double flash LED with I²C interface
Introduction
This application note is dedicated to the design of a flash LED driver using the STCF05
device, which is a boost current mode converter with an I²C interface and internal current
source. The schematic, functional description, recommendations for PCB layout and
external components selection are also discussed in this application note. The STCF05
device is designed to drive two LEDs in series with a total forward voltage from 5.3 V to
10.2 V.
Figure 1.
Demonstration board STCF05 v3: optimized for smallest PCB area
(24 mm²)
Figure 2.
Demonstration board STCF05 v2: optimized for best efficiency
www.st.com


Similar Part No. - AN2827

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN282 SILABS-AN282 Datasheet
881Kb / 22P
USB MASS STORAGE DEVICE REFERENCE DESIGN PROGRAMMERS GUIDE
logo
STMicroelectronics
AN2822 STMICROELECTRONICS-AN2822 Datasheet
200Kb / 19P
STM8S and STM8A high speed internal oscillator calibration
31-Aug-2011
AN2823 STMICROELECTRONICS-AN2823 Datasheet
1Mb / 33P
Current source for LED driving based on the L5973AD
11-Aug-2009
AN2829 STMICROELECTRONICS-AN2829 Datasheet
2Mb / 32P
Dual step-down controller with auxilary voltages
25-Feb-2009
More results

Similar Description - AN2827

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
logo
STMicroelectronics
AN3223 STMICROELECTRONICS-AN3223 Datasheet
1Mb / 29P
Driver for double flash LED with I²C interface
13-Feb-2012
logo
Skyworks Solutions Inc.
SKY81298 SKYWORKS-SKY81298 Datasheet
259Kb / 3P
2.4 A Three-Channel Flash LED Driver with Control Interface
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
2A, Synchronous Boost Flash LED Driver with I2C Interface
MP3332 MPS-MP3332 Datasheet
1Mb / 27P
Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
EV3331-C-00A MPS-EV3331-C-00A Datasheet
576Kb / 7P
2A Flash LED Driver With I2C Interface Evaluation Board
logo
Analog Devices
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
1.0 A LED Flash Driver with I2C-Compatible Interface
7/12-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com