Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2827 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2827
Description  Driver for double flash LED with I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2827 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2827 Datasheet HTML 21Page - STMicroelectronics AN2827 Datasheet HTML 22Page - STMicroelectronics AN2827 Datasheet HTML 23Page - STMicroelectronics AN2827 Datasheet HTML 24Page - STMicroelectronics AN2827 Datasheet HTML 25Page - STMicroelectronics AN2827 Datasheet HTML 26Page - STMicroelectronics AN2827 Datasheet HTML 27Page - STMicroelectronics AN2827 Datasheet HTML 28Page - STMicroelectronics AN2827 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
AN2827
Examples of register setup for each mode
Doc ID 15047 Rev 1
25/30
8.3
Example 3: auxiliary LED running at 10 mA for 500 ms
The STCF05 must be in READY mode (both TRIG_EN and TCH_ON set to 0) to activate
the auxiliary LED.
A 10 mA output current will be reached when AUXI is set to 0x8.
AUXT must be set to 0x5 to obtain a 500 ms duration of the auxiliary LED lighting.
Writing the following three bytes to the STCF05 puts the device into READY mode. This can
be skipped if READY mode is already activated.
Writing the following three bytes to the STCF05 activates the auxiliary LED for the desired
time.
8.4
Example 4: red-eye reduction (multiple short flashes)
There are two ways of reducing red eye. The first one is to use hardware triggering of the
flashes through the TRIG pin. This is the most suitable and recommended solution, as it
reduces the usage of the I²C bus and the length of each flash pulse can be adjusted
continuously. The second solution is to use the software triggering feature, which means a
periodical reloading of the COMMAND register. This will however increase traffic on the I²C
bus and the flashes can only have a set length, adjustable in 100 ms steps only.
Table 19.
COMMAND register data for AUX_LED
CMD_REG
PWR_ON
TRIG_EN
TCH_ON
NTC_ON
FTIM_3
FTIM_2
FTIM_1
FTIM_0
1000
0000
MSB
LSB
Table 20.
AUX_LED register data
AUX_LED
AUXI_3
AUXI_2
AUXI_1
AUXI_0
AUXT_3
AUXT_2
AUXT_1
AUXT_0
1000
0101
MSB
LSB
Table 21.
I²C data packet for activating READY mode
Byte
Hex
Binary
Comment
1
62
01100010
Device address + R/W bit
2
00
00000000
Command register address
3
80
10000000
Data of the command register
Table 22.
I²C data packet for activating AUX_LED
Byte
Hex
Binary
Comment
1
62
01100010
Device address + R/W bit
2
02
00000010
Auxiliary LED register address
3
85
10000101
Data of the Auxiliary LED register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com