Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2827 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2827
Description  Driver for double flash LED with I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2827 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2827 Datasheet HTML 10Page - STMicroelectronics AN2827 Datasheet HTML 11Page - STMicroelectronics AN2827 Datasheet HTML 12Page - STMicroelectronics AN2827 Datasheet HTML 13Page - STMicroelectronics AN2827 Datasheet HTML 14Page - STMicroelectronics AN2827 Datasheet HTML 15Page - STMicroelectronics AN2827 Datasheet HTML 16Page - STMicroelectronics AN2827 Datasheet HTML 17Page - STMicroelectronics AN2827 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Internal registers
AN2827
14/30
Doc ID 15047 Rev 1
4
Internal registers
The STCF05 has four internal registers: COMMAND, DIMMING, AUX_LED and STATUS.
The STATUS register is read-only.
The COMMAND register can be accessed in any operating mode. All the other registers can
be accessed in any mode, except in SHUTDOWN mode. When the device enters
SHUTDOWN mode, the DIMMING, AUX_LED and STATUS registers are cleared. The
COMMAND register value remains untouched when entering SHUTDOWN mode.
Table 2 shows the accessibility of each register in all operation modes.
Table 2.
Accessibility of internal registers
Register
Address
Mode
Shutdown
value
Power-ON
reset value
Shutdown
Ready
Torch
Flash
COMMAND
00
Read/Write
Read/Write
Read/Write
Read/Write
Untouched
Cleared
DIMMING
01
Inaccessible
Read/Write
Read/Write
Read/Write
Cleared
Cleared
AUX_LED
02
Inaccessible
Read/Write
Read/Write
Read/Write
Cleared
Cleared
STATUS
03
Inaccessible
Read-only
Read-only
Read-only
Cleared
Cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com