Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2839 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2839
Description  L6228 fully-integrated two-phase stepper motor driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2839 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2839 Datasheet HTML 27Page - STMicroelectronics AN2839 Datasheet HTML 28Page - STMicroelectronics AN2839 Datasheet HTML 29Page - STMicroelectronics AN2839 Datasheet HTML 30Page - STMicroelectronics AN2839 Datasheet HTML 31Page - STMicroelectronics AN2839 Datasheet HTML 32Page - STMicroelectronics AN2839 Datasheet HTML 33Page - STMicroelectronics AN2839 Datasheet HTML 34Page - STMicroelectronics AN2839 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
AN2839
Demonstration board
Doc ID 15104 Rev 1
31/40
Appendix A
Demonstration board
A.1
PractiSPINTM
PractiSPINTM is an evaluation and demonstration system that can be used with the
powerSPINTM family (L62xx) of devices. A graphical user interface (GUI) program (shown in
Figure 35) runs on an IBM PC under Windows and communicates with a common
ST7-based interface board (Figure 36 on page 32) through the RS-232 serial port. The ST7
interface board connects to a device-specific demonstration board (target board) via a
standard 34-pin ribbon cable interface.
Depending on the target device, the PractiSPINTM can drive a stepper motor, 1 or 2 DC
motors or a brushless DC (BLDC) motor, operating significant parameters such as speed,
current, voltage, direction, acceleration and deceleration rates from a user-friendly graphic
interface, and programming a sequence of movements.
The software can also evaluate the power dissipated by the selected device and, for a given
package and dissipating copper area on the PCB, estimate the device's junction
temperature.
Figure 35.
PractiSPINTM PC software
AM01718v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com