Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2839 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2839
Description  L6228 fully-integrated two-phase stepper motor driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2839 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2839 Datasheet HTML 28Page - STMicroelectronics AN2839 Datasheet HTML 29Page - STMicroelectronics AN2839 Datasheet HTML 30Page - STMicroelectronics AN2839 Datasheet HTML 31Page - STMicroelectronics AN2839 Datasheet HTML 32Page - STMicroelectronics AN2839 Datasheet HTML 33Page - STMicroelectronics AN2839 Datasheet HTML 34Page - STMicroelectronics AN2839 Datasheet HTML 35Page - STMicroelectronics AN2839 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Demonstration board
AN2839
32/40
Doc ID 15104 Rev 1
Figure 36.
PractiSPINTM ST7 demonstration board
A.2
L6228N evaluation with EVAL6208N
To easily evaluate the device in PowerDIP packages, it is possible to use the EVAL6208N,
replacing the device directly on the available socket.
We recommend changing the sense resistor values to manage lower load currents
according to the device’s specifications.
The EVAL6208N’s electrical schematic is shown in Figure 37 on page 33. For more
information, refer to AN1451 "L6208 fully-integrated two-phase stepper motor driver".
A.2.1
Important notes
●
JP1: should be closed in the INT position for use with the PractiSPINTM ST7 board.
●
C6: recommended change to 5.6 nF for safe overcurrent protection.
●
R8: recommended change to 100 k
Ω for safe overcurrent protection.
●
R9: recommended change to 100 k
Ω if EN pin is driven from the CN5 connector (for
example with PractiSPINTM ST7 board) for safe overcurrent protection.
●
R20, R24: set the maximum current obtainable through PractiSPINTM (see
PractiSPINTM documentation).
●
R2: recommended change to adequate value (depending on supply voltage) to obtain
5 V across D3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com