Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3064 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3064
Description  Using the STC3100 battery monitor for gas gauge applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3064 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3064 Datasheet HTML 2Page - STMicroelectronics AN3064 Datasheet HTML 3Page - STMicroelectronics AN3064 Datasheet HTML 4Page - STMicroelectronics AN3064 Datasheet HTML 5Page - STMicroelectronics AN3064 Datasheet HTML 6Page - STMicroelectronics AN3064 Datasheet HTML 7Page - STMicroelectronics AN3064 Datasheet HTML 8Page - STMicroelectronics AN3064 Datasheet HTML 9Page - STMicroelectronics AN3064 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Battery monitoring functions
AN3064
6/15
Doc ID 16263 Rev 1
Figure 4.
Gas gauge block diagram
The A/D converter’s output is a signed value in two’s complement format. It is positive when
the battery is charging and negative when the battery is discharging. When a conversion
cycle is completed, the result is added to the charge accumulator and the 16-bit conversion
counter is incremented.
AD converter
12/14-bit
CG
GND
28-bit
accumulator
Charge
register
Current
register
register
Counter
16-bit counter
EOC
16
16
16
Control logic
cg_enable
cg_calibration
cg_clock
Control
registers
32768 Hz
16
28
28
cg_res
2
rd_req
cg_rst
Σ
AM00832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com