Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3064 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3064
Description  Using the STC3100 battery monitor for gas gauge applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3064 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3064 Datasheet HTML 4Page - STMicroelectronics AN3064 Datasheet HTML 5Page - STMicroelectronics AN3064 Datasheet HTML 6Page - STMicroelectronics AN3064 Datasheet HTML 7Page - STMicroelectronics AN3064 Datasheet HTML 8Page - STMicroelectronics AN3064 Datasheet HTML 9Page - STMicroelectronics AN3064 Datasheet HTML 10Page - STMicroelectronics AN3064 Datasheet HTML 11Page - STMicroelectronics AN3064 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Battery monitoring functions
AN3064
8/15
Doc ID 16263 Rev 1
The counter code is an unsigned 16-bit binary number.
When the conversion counter reaches its maximum value (binary code = 216-1 = 0xFFFF), it
wraps to 0 and continues counting. Both the accumulator and the counter can be reset with
the GG_RST bit.
The CG_EOC bit in the REG_CTRL register can be used to check that at least one new
current measurement has been done and accumulated since the last reading of the
REG_CTRL register.
2.3
Battery current reading
The last measured value of the current is available in the REG_CURRENT locations (two
bytes) and is updated at each conversion.
The current code is a 14-bit binary number using the two’s complement binary format. Bit 13
is the sign bit and bits 0 to 12 are the data bits. The LSB value (bit 0) is 11.77 µV.h,
irrespective of the current conversion resolution. However, bit 0 is always zero in 12- and 13-
bit resolution modes, and bit 1 is always zero in 12-bit resolution mode. To convert the
current data into mA, the external resistance Rsense must be taken into account.
current (mA) = current_code* 11.77 / Rsense (m
Ω)
Table 3.
REG_COUNTER_LOW. address 4 (04h)
Name
Pos.
Type
Power-
up
Description
DATA[7..0]
[7..0]
R
00
Conversion counter data.
Table 4.
REG_COUNTER_HIGH. address 5 (05h)
Name
Pos.
Type
Power-up
Description
DATA[15..8]
[7..0]
R
00
Conversion counter data
Table 5.
REG_CURRENT_LOW. address 6 (06h)
Name
Pos.
Type
Power-up
Description
DATA[7..0]
[7..0]
R
00
Battery current data
Table 6.
REG_CURRENT_HIGH. address 7 (07h)
Name
Pos.
Type
Power-up
Description
DATA[13..8]
[5..0]
R
00
Battery current data
DATA[15, 14]
[7,6]
R
0
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com