Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3064 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3064
Description  Using the STC3100 battery monitor for gas gauge applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3064 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3064 Datasheet HTML 7Page - STMicroelectronics AN3064 Datasheet HTML 8Page - STMicroelectronics AN3064 Datasheet HTML 9Page - STMicroelectronics AN3064 Datasheet HTML 10Page - STMicroelectronics AN3064 Datasheet HTML 11Page - STMicroelectronics AN3064 Datasheet HTML 12Page - STMicroelectronics AN3064 Datasheet HTML 13Page - STMicroelectronics AN3064 Datasheet HTML 14Page - STMicroelectronics AN3064 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AN3064
STC3100 demonstration board
Doc ID 16263 Rev 1
11/15
Appendix A
STC3100 demonstration board
The STC3100 demonstration board is convenient to evaluate the charge and battery
monitoring functions and quickly obtain a working prototype or design reference.
Figure 7 shows the basic connections to use the STC3100 demonstration board.
Figure 7.
STC3100 demonstration board usage
The sense resistor is on the board and the resistance value is 33 m
Ω.
The digital interface comprises the SDA and SCL pads (I2C bus signals). An external
32,768 Hz clock can be applied to the ROSC pad. It is not necessary to physically remove
the ROSC resistor. The digital levels are: <0.5 V for low level, >1.5 V for high level.
System
controller
Gnd
SCL
SDA
32768 Hz
(optional)
AM04583



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com