Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3064 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3064
Description  Using the STC3100 battery monitor for gas gauge applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3064 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3064 Datasheet HTML 7Page - STMicroelectronics AN3064 Datasheet HTML 8Page - STMicroelectronics AN3064 Datasheet HTML 9Page - STMicroelectronics AN3064 Datasheet HTML 10Page - STMicroelectronics AN3064 Datasheet HTML 11Page - STMicroelectronics AN3064 Datasheet HTML 12Page - STMicroelectronics AN3064 Datasheet HTML 13Page - STMicroelectronics AN3064 Datasheet HTML 14Page - STMicroelectronics AN3064 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
STC3100 register map
AN3064
12/15
Doc ID 16263 Rev 1
Appendix B
STC3100 register map
Table 11 details the mapping of the battery monitoring registers.
The REG_MODE and REG_CTRL registers are described in detail in Table 12 and
Table 13.
Table 11.
Register map
Name
Address
(dec.)
Type
Description
Control registers
REG_MODE
0
R/W
Mode register
REG_CTRL
1
R/W
Control and status register
REG_CHARGE_LOW
2
R
Coulomb counter data, bits 0-7
REG_CHARGE_HIGH
3
R
Coulomb counter data, bits 8-15
REG_COUNTER_LOW
4
R
Conversion counter, bits 0-7
REG_COUNTER_HIGH
5
R
Conversion counter, bits 8-15
REG_CURRENT_LOW
6
R
Battery current value, bits 0-7
REG_CURRENT_HIGH
7
R
Battery current value, bits 8-15
REG_VOLTAGE_LOW
8
R
Battery voltage value, bits 0-7
REG_VOLTAGE_HIGH
9
R
Battery voltage value, bits 8-15
REG_TEMPERATURE_LOW
10
R
Temperature value, bits 0-7
REG_TEMPERATURE_HIGH
11
R
Temperature value, bits 8-15
Device ID registers
REG_ID0
24
R
Part type ID = 10h
REG_ID1
25
R
Unique part ID, bits 0-7
REG_ID2
26
R
Unique part ID, bits 8-15
REG_ID3
27
R
Unique part ID, bits 16-23
REG_ID4
28
R
Unique part ID, bits 24-31
REG_ID5
29
R
Unique part ID, bits 32-39
REG_ID6
30
R
Unique part ID, bits 40-47
REG_ID7
31
R
Device ID CRC
RAM registers
REG_RAM0
32
R/W
General-purpose RAM register 0
...
...
...
REG_RAM31
63
R/W
General-purpose RAM register 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com