Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0581 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0581
Description  This user manual explains the operation of demonstration
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0581 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0581 Datasheet HTML 2Page - STMicroelectronics UM0581 Datasheet HTML 3Page - STMicroelectronics UM0581 Datasheet HTML 4Page - STMicroelectronics UM0581 Datasheet HTML 5Page - STMicroelectronics UM0581 Datasheet HTML 6Page - STMicroelectronics UM0581 Datasheet HTML 7Page - STMicroelectronics UM0581 Datasheet HTML 8Page - STMicroelectronics UM0581 Datasheet HTML 9Page - STMicroelectronics UM0581 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Getting started
UM0581
6/26
Doc ID 14961 Rev 1
1
Getting started
1.1
Package
The STEVAL-PCC005V1, STR912FAW44 parallel interface to hard disk demonstration
board includes the following items:
1.
Hardware content:
–
Demonstration board
2.
Documentation:
–User manual
3.
Microcontroller firmware:
–
The STR912FAW44 device (already programmed) soldered on the demonstration
board
–
Object files are also available for the firmware
No PC software nor drivers are required in order to use the Microsoft operating system.
1.2
Setting up the board
The STR912FAW44 parallel interface to hard disk demonstration board can be set up as
follows:
1.
Connect the 40-pin IDE data cable between the hard disk and HDD-CONN (J1) of the
STR9 interface to the hard disk board.
2.
To power on the hard disk as well as the board, set the jumpers according to the
available source of power, refer to Table 1 on page 11.
3.
Glowing of the SYS_HEALTH_CHK LED (D4) indicates that the board power-on
sequence and hard disk initialization have been done correctly.
4.
Connect the USB cable between the board and the PC.
5.
The PC then shows the hard disk as a removable drive, and the user can access the
hard disk as a storage unit.
1.3
Hardware layout
The STR912FAW44 parallel interface to hard disk demonstration board is built around
STMicroelectronic's ARM® core-based STR912FW44X6 in a 128-pin LQFP128 package. It
also includes switching regulators and a low drop regulator to replace the ATX-SMPS, ultra-
low voltage supervisor and ESD protection on the USB bus. Figure 2 on page 7 shows the
component layout to help the user to locate different components/sections of the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com