Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0581 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM0581
Description  This user manual explains the operation of demonstration
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0581 Datasheet(HTML) 1 Page - STMicroelectronics

  UM0581 Datasheet HTML 1Page - STMicroelectronics UM0581 Datasheet HTML 2Page - STMicroelectronics UM0581 Datasheet HTML 3Page - STMicroelectronics UM0581 Datasheet HTML 4Page - STMicroelectronics UM0581 Datasheet HTML 5Page - STMicroelectronics UM0581 Datasheet HTML 6Page - STMicroelectronics UM0581 Datasheet HTML 7Page - STMicroelectronics UM0581 Datasheet HTML 8Page - STMicroelectronics UM0581 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
April 2009
Doc ID 14961 Rev 1
1/26
UM0581
User manual
STEVAL-PCC005V1, STR912FAW44 parallel interface to
hard disk demonstration board
Introduction
This user manual explains the operation of demonstration board STEVAL-PCC005V1 which
implements a parallel interface hard disk on the STR912FAW44 microcontroller (ARM966E-
S, 16/32 bit Flash MCU with ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC,
DMA). The hard disk can be applied to any microcontroller within the STR91x family. The
various hardware sections of the STEVAL-PCC005V1 are explained in this document. The
key features of the STEVAL-PCC005V1, STR912FAW44 parallel interface to hard disk
demonstration board are the following:
■ Based on the STR912 (ARM966E-S) microcontroller with built-in external memory
interface (EMI)
■ USB interface available for USB hard disk application
■ Acts as a mass-storage device using the drivers of the Microsoft® operating system
■ Onboard power supply for hard disk
■ Option for using external power supply
■ Onboard JTAG connector for microcontroller firmware upgrade and changes
■ Additional ESD protection device on USB
■ LED indications for power, read and write operations and system health check.
Figure 1.
STEVAL-PCC005V1, STR912FAW44 parallel interface to hard disk
demonstration board
AM01269v1
www.st.com


Similar Part No. - UM0581

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0580 STMICROELECTRONICS-UM0580 Datasheet
994Kb / 24P
100 W 3 phase inverter featuring L6390 and STD5NK52ZD
29-Sep-2008
UM0582 STMICROELECTRONICS-UM0582 Datasheet
1Mb / 24P
STEVAL-TLL005V1 power flash demonstration board
08-Jun-2009
UM0584 STMICROELECTRONICS-UM0584 Datasheet
405Kb / 9P
STEVAL-ISA031V1: 40 W SMPS with HV MOSFET and L6565 for three-phase industrial applications
24-Sep-2009
UM0585 STMICROELECTRONICS-UM0585 Datasheet
239Kb / 25P
STM32F10x DSP library
04-Jun-2010
More results

Similar Description - UM0581

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0434 STMICROELECTRONICS-UM0434 Datasheet
3Mb / 390P
The primary objective of this user?셲 manual is to describe
29-Nov-2013
UM0576 STMICROELECTRONICS-UM0576 Datasheet
1Mb / 29P
This document explains the functioning and operation of the STEVAL-CCH002V1
20-Aug-2008
UM0289 STMICROELECTRONICS-UM0289 Datasheet
1Mb / 29P
This user manual describes the features of the eMotion Kit
30-Nov-2006
UM1748 STMICROELECTRONICS-UM1748 Datasheet
1Mb / 17P
This user manual describes
16-Apr-2014
UM1038 STMICROELECTRONICS-UM1038 Datasheet
802Kb / 24P
This user manual describes the STarGrid powerline modem
18-Apr-2011
UM0248 STMICROELECTRONICS-UM0248 Datasheet
520Kb / 26P
This user manual describes the driver functions developed
04-Feb-2008
UM0324 STMICROELECTRONICS-UM0324 Datasheet
1Mb / 105P
This user manual describes
09-Feb-2006
UM0592 STMICROELECTRONICS-UM0592 Datasheet
958Kb / 22P
This document explains the use of the HDD extension demonstration board
11-Aug-2009
UM1519 STMICROELECTRONICS-UM1519 Datasheet
2Mb / 40P
This user manual describes the ZigBee
27-Sep-2012
logo
Cypress Semiconductor
S6J3120 CYPRESS-S6J3120 Datasheet
5Mb / 141P
This section explains the Cortex-R5 CPU core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com