Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0581 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM0581
Description  This user manual explains the operation of demonstration
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0581 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM0581 Datasheet HTML 4Page - STMicroelectronics UM0581 Datasheet HTML 5Page - STMicroelectronics UM0581 Datasheet HTML 6Page - STMicroelectronics UM0581 Datasheet HTML 7Page - STMicroelectronics UM0581 Datasheet HTML 8Page - STMicroelectronics UM0581 Datasheet HTML 9Page - STMicroelectronics UM0581 Datasheet HTML 10Page - STMicroelectronics UM0581 Datasheet HTML 11Page - STMicroelectronics UM0581 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
System overview
UM0581
8/26
Doc ID 14961 Rev 1
2
System overview
2.1
General description of product architecture
2.2
System architecture description
●
The board works as a USB-based hard disk implemented on the STR912FAW44
microcontroller
●
The STR912FAW44 parallel interface to hard disk demonstration board consists of two
main sections. First the interface of the hard disk to STR912FAW44 through an external
memory interface (EMI) and second, the hard disk appears as a removable drive on the
PC which is made possible by the USB mass-storage implementation
●
The hard disk is connected to STR912FAW44 with a built-in EMI module. The EMI is
used in 16-bit MUX mode
●
The onboard power supply unit can be used for powering the hard disk. This board
works with a PC which is the USB host
●
In addition to the onboard power supply, a separate SMPS power supply can be used
to power the board as well as the hard disk
●
LEDs available on the demonstration board indicate read or write operation
●
JTAG interface for debugging purposes
●
For ESD protection the device is connected between the USB connector and
STR912FAW44
●
The board consists of a dual, ultra-low reset supervisor and monitors the reset level of
the STR912FAW44
Figure 3.
System architecture of the demonstration board
AM01271v1
USB Type
B
connector
ESD
Protection
STR9
JTAG
LED’s
On board
Power supply
Unit
RESET
Supervisor
HARD-
DISK
USB
CABLE
SMPS
Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com