Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0581 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0581
Description  This user manual explains the operation of demonstration
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0581 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0581 Datasheet HTML 10Page - STMicroelectronics UM0581 Datasheet HTML 11Page - STMicroelectronics UM0581 Datasheet HTML 12Page - STMicroelectronics UM0581 Datasheet HTML 13Page - STMicroelectronics UM0581 Datasheet HTML 14Page - STMicroelectronics UM0581 Datasheet HTML 15Page - STMicroelectronics UM0581 Datasheet HTML 16Page - STMicroelectronics UM0581 Datasheet HTML 17Page - STMicroelectronics UM0581 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Connector details
UM0581
14/26
Doc ID 14961 Rev 1
4
Connector details
4.1
Power connector
The STR912FAW44 parallel interface to hard disk demonstration board can be powered up
by having ATX-SMPS (J5), a 12 V, or a 15 V power supply connected via an external power
supply jack (J7). The current rating should meet the hard disk ratings. Usually 15 V 2 A (or
12 V 2 A) adapters are suitable.
4.2
USB type B connector CN3
Figure 6.
Power supply connector
Figure 7.
ATX-SMPS connector
AM01274v1
Center is positive
AM01275v1
Figure 8.
USB connector
AM01276v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com