Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4415 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4415
Description  This document focuses on a demonstration board design
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4415 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4415 Datasheet HTML 4Page - STMicroelectronics AN4415 Datasheet HTML 5Page - STMicroelectronics AN4415 Datasheet HTML 6Page - STMicroelectronics AN4415 Datasheet HTML 7Page - STMicroelectronics AN4415 Datasheet HTML 8Page - STMicroelectronics AN4415 Datasheet HTML 9Page - STMicroelectronics AN4415 Datasheet HTML 10Page - STMicroelectronics AN4415 Datasheet HTML 11Page - STMicroelectronics AN4415 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Electrical diagram and bill of material for 3.3 V at 3 A
AN4415
8/30
DocID025612 Rev 1
65
R8
Resistor
10 k
R0603
Several
66
R10
Resistor
10 k
R0603
Several
67
R11
Resistor
52.3
-1%
R0805
Several
68
R13
Resistor
22.1 k
-1%
R0603
Several
69
R14
Resistor
10
R0603
Several
70
R15
Resistor
0
R0805
Several
71
R16
Resistor
0
R0805
Several
72
R17
Resistor
124 k
-1%
R0603
Several
73
R19
Resistor
510
R0603
Several
74
R20
Resistor
4.7 k
R0603
Several
75
R23
Resistor
0
R0805
Several
76
R24
Resistor
75
R0805
Several
77
R25
Resistor
56
R0805
Several
78
R27
Resistor
75
R0805
Several
79
R29
Resistor
75
R0805
Several
80
R30
Resistor
N. M.
R1206
Several
81
R31
Resistor
75
R0805
Several
82
R32
Resistor
10
R0603
Several
83
R33
Resistor
10 k
R0603
Several
84
R35
Sense resistor
0.33
-1%
R1206
Vishay -
RCWE1206R330FKE
85
R36
Resistor
560
R0603
Several
86
R37
Resistor
0
R0603
Several
87
R40
Resistor
4.7
R1206
Several
88
R43
Resistor
0
R0805
Several
89
R44
Resistor
0
R1206
Several
90
R45
Resistor
47 K
R0603
Several
91
R48
Resistor
390
R0603
Several
92
R50
Resistor
10
R0603
Several
93
R51
Resistor
N. M.
R0603
Several
94
R52
Resistor
3.3 K
-1%
R0603
Several
95
R54
Resistor
2.2 k
R0603
Several
96
R55
Resistor
21 k
 - 1%
R0603
Several
97
R56
Resistor
12.4 k
 - 1%
R0603
Several
98
TP1
Test point
Red
TH-5013
KEYSTONE
Table 3. Bill of material 3.3 V at 3 A (continued)
Item Ref.
Description
Value
PCB footprint
Supplier
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com