Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4415 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4415
Description  This document focuses on a demonstration board design
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4415 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4415 Datasheet HTML 22Page - STMicroelectronics AN4415 Datasheet HTML 23Page - STMicroelectronics AN4415 Datasheet HTML 24Page - STMicroelectronics AN4415 Datasheet HTML 25Page - STMicroelectronics AN4415 Datasheet HTML 26Page - STMicroelectronics AN4415 Datasheet HTML 27Page - STMicroelectronics AN4415 Datasheet HTML 28Page - STMicroelectronics AN4415 Datasheet HTML 29Page - STMicroelectronics AN4415 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
DocID025612 Rev 1
27/30
AN4415
Supporting material
30
159
R56
Resistor
12.4 K
- 1%
R0603
Several
160
R57
Resistor
N. M.- 1%
R0603
Several
161
TP1
Test point
Red
TH-5013
Keystone
162
TP2
Test point
Black
TH-5013
Keystone
163
TP3
Test point
Red
TH-5013
Keystone
164
TP4
Test point
Black
TH-5013
Keystone
165
TP5
Test point
Red - N. M.
TH-5013
Keystone
166
TP6
Test point
Red
TH-5013
Keystone
167
TP7
Test point
Black
TH-5013
Keystone
168
TP8
Test point
Red
TH-5013
Keystone
169
TP9
Test point
Black
TH-5013
Keystone
170 TP10
Test point
Red
TH-5013
Keystone
171 TP11
Test point
Red
TH-5013
Keystone
172 TP12
Test point
Black
TH-5013
Keystone
173 TP13
Test point
Red
TH-5013
Keystone
174 TP14
Test point
Red
TH-5013
Keystone
175 TP15
Test point
Red - N. M.
TH-5013
Keystone
176 TP16
Test point
Red
TH-5013
Keystone
177 TP17
Test point
Red
TH-5013
Keystone
178 TP18
Test point
Black - N. M.
TH-5013
Keystone
179 TP19
Test point
Black
TH-5013
Keystone
180 TP20
Test point
Red - N. M.
TH-5013
Keystone
181
T1
Data transfo.
H2019 / TLA-6T127LF
Pulse-H2019
Pulse
182
T2
CM choke
Würth 744226S - N. M.
744226S
Würth
183
T3
Power transfo.
COILCRAFT POE13P-33L
POE13P
Coilcraft
184
T4
Power transfo.
COILCRAFT POE70P-
33L-NM
POE70P
Coilcraft
185
T5
Power transfo.
COILCRAFT HA3893-AL -
N. M.
HA3893-AL-
COILCRAFT
Coilcraft
186
T6
CM choke
Pulse PE65855NL - N. M.
PE-65855NL-
PULSE
Pulse
187
U1
Controller IC
PM8800A
HTSSOP16
STMicroelectronics
188
U2
Optocoupler
FAIRCHILD FOD817A
FOD817
FAIRCHILD
189
U3
Optocoupler
Sharp PC3H7D - N. M.
PC3H7
Sharp
190
U4
Voltage reference
TS2431AILT-N. M.
SOT23
STMicroelectronics
191
U5
Voltage reference
TS431AILT
SOT23-5L
STMicroelectronics
Table 5. Bill of material (general) (continued)
Item Ref.
Description
Value
PCB footprint
Supplier
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com