Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4415 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4415
Description  This document focuses on a demonstration board design
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4415 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4415 Datasheet HTML 16Page - STMicroelectronics AN4415 Datasheet HTML 17Page - STMicroelectronics AN4415 Datasheet HTML 18Page - STMicroelectronics AN4415 Datasheet HTML 19Page - STMicroelectronics AN4415 Datasheet HTML 20Page - STMicroelectronics AN4415 Datasheet HTML 21Page - STMicroelectronics AN4415 Datasheet HTML 22Page - STMicroelectronics AN4415 Datasheet HTML 23Page - STMicroelectronics AN4415 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Loop compensation
AN4415
20/30
DocID025612 Rev 1
Table 4. Gain loop measurement
12 Vout
48 V, 3 A
40 V, 3 A
60 V, 3 A
48 V, 1.5 A
BW [kHz]
4.25
3.91
4.52
4.53
Phase margin [deg.] at 0 db
64
62
65
66
Gain margin [dB] at 0 deg.
-11
-11
-11
-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com