Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4415 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4415
Description  This document focuses on a demonstration board design
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4415 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4415 Datasheet HTML 8Page - STMicroelectronics AN4415 Datasheet HTML 9Page - STMicroelectronics AN4415 Datasheet HTML 10Page - STMicroelectronics AN4415 Datasheet HTML 11Page - STMicroelectronics AN4415 Datasheet HTML 12Page - STMicroelectronics AN4415 Datasheet HTML 13Page - STMicroelectronics AN4415 Datasheet HTML 14Page - STMicroelectronics AN4415 Datasheet HTML 15Page - STMicroelectronics AN4415 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Measurements results
AN4415
12/30
DocID025612 Rev 1
3.2
Output voltage ripple
Above measurement are referred to the output voltage ripple (around 30 mV in full load
condition). A ripple voltage comparison has been done replacing a 0.33
H inductor on the
L4 position with a resistor R47 = 0
. The output voltage ripple, as shown in Figure 7, is
around 100 mV in full load condition.
Figure 5. Ripple 3.3 V at 3 A
Figure 6. Ripple 3.3 V at 1.5 A
CH2: output voltage
CH3: output current
CH2: output voltage
CH3: output current
Figure 7. Ripple 3.3 V at 3 A removing L4 filter Figure 8. Ripple 3.3 V at 1.5 A removing L4 filter
CH2: output voltage
CH3: output current
CH2: output voltage
CH3: output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com