Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1470 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1470
Description  The purpose of this document is to describe
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1470 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1470 Datasheet HTML 6Page - STMicroelectronics UM1470 Datasheet HTML 7Page - STMicroelectronics UM1470 Datasheet HTML 8Page - STMicroelectronics UM1470 Datasheet HTML 9Page - STMicroelectronics UM1470 Datasheet HTML 10Page - STMicroelectronics UM1470 Datasheet HTML 11Page - STMicroelectronics UM1470 Datasheet HTML 12Page - STMicroelectronics UM1470 Datasheet HTML 13Page - STMicroelectronics UM1470 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Board description
UM1470
10/19
Doc ID 022241 Rev 1
3.4
Bill of materials
Table 1.
BOM
Index Quantity
Ref.
Value / generic part
number
Package / class
Manufacturer
11
R1
27 k
Ω / 1% / 0.1 W
0805
21
R2
22
Ω / 2 W / 5%/WW TH - wire wound
31
R3
10 k
Ω / 1% / 0.1 W
0805
4
0
R4
N. A.
0805
5
0
R5
N. A.
0805
6
0
C1
N. A.
18 x 6 x RM 15
7
1
C2, C10 3.3
μF / 400 V
R 10 x 13, RM 5 mm
8
1
C3, C4
1
μF / 25 V / X7R
1206
92
C5
47
μF / 50 V
R 6.3 x 11 RM 2.5 mm
10
0
C6
N. A.
0805
11
1
C7, C8
1.5 nF / 50 V
0805
12
1
L1
1 mH / 80 mA
13
1
L3
1.5 mH/400 mA,
HV 768 772 152
R 8 x 10, RM 5 mm
Würth Elektronik
14
2
D1, D2
1N4007
MELF / SMA
15
2
D3, D4
STTH1L06A
SMA
STMicroelectronics™
16
1
D5
1N4148
SOD80
17
1
DZ1
ZD / 15 V / 5%
SOD80
18
1
U1
VIPer06XS
SSO10
STMicroelectronics
19
1
J1
Screw terminal 2 pos. RM 5 mm
20
1
J2
Screw terminal 3 pos. RM 5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com