Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1470 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1470
Description  The purpose of this document is to describe
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1470 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1470 Datasheet HTML 8Page - STMicroelectronics UM1470 Datasheet HTML 9Page - STMicroelectronics UM1470 Datasheet HTML 10Page - STMicroelectronics UM1470 Datasheet HTML 11Page - STMicroelectronics UM1470 Datasheet HTML 12Page - STMicroelectronics UM1470 Datasheet HTML 13Page - STMicroelectronics UM1470 Datasheet HTML 14Page - STMicroelectronics UM1470 Datasheet HTML 15Page - STMicroelectronics UM1470 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Measurements
UM1470
12/19
Doc ID 022241 Rev 1
Figure 6 shows the efficiency of the SMPS at full load applied on the 12 V, depending on the
different input voltage. A drop of efficiency at low input voltage is mainly caused by an
increase in the losses in the input inrush resistor and EMI filter.
Figure 6.
Efficiency at full load (150 mA) over input voltage range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com