Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1470 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM1470
Description  The purpose of this document is to describe
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1470 Datasheet(HTML) 3 Page - STMicroelectronics

  UM1470 Datasheet HTML 1Page - STMicroelectronics UM1470 Datasheet HTML 2Page - STMicroelectronics UM1470 Datasheet HTML 3Page - STMicroelectronics UM1470 Datasheet HTML 4Page - STMicroelectronics UM1470 Datasheet HTML 5Page - STMicroelectronics UM1470 Datasheet HTML 6Page - STMicroelectronics UM1470 Datasheet HTML 7Page - STMicroelectronics UM1470 Datasheet HTML 8Page - STMicroelectronics UM1470 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
UM1470
List of figures
Doc ID 022241 Rev 1
3/19
List of figures
Figure 1.
STEVAL-ISA096V1 demonstration board. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Input/output connection of SMPS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
STEVAL-ISA096V1 circuit schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
The PCB layout - top and bottom . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 5.
Efficiency at 120 VAC and 230 VAC depending on the output current. . . . . . . . . . . . . . . . 11
Figure 6.
Efficiency at full load (150 mA) over input voltage range . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 7.
Standby depending on the input voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 8.
The 12 V output load characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 9.
EMI measurement regarding EN55022 Class 2 - peak detector . . . . . . . . . . . . . . . . . . . . 15
Figure 10.
EMI measurement regarding EN55022 Class 2 - AVG detector. . . . . . . . . . . . . . . . . . . . . 16
Figure 11.
Thermal map of the board at 265 VAC on the input - left bottom side, right top side . . . . . 17
Figure 12.
Thermal map of the board at 85 VAC on the input - left bottom side, right top side . . . . . . 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com