Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1470 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM1470
Description  The purpose of this document is to describe
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1470 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM1470 Datasheet HTML 11Page - STMicroelectronics UM1470 Datasheet HTML 12Page - STMicroelectronics UM1470 Datasheet HTML 13Page - STMicroelectronics UM1470 Datasheet HTML 14Page - STMicroelectronics UM1470 Datasheet HTML 15Page - STMicroelectronics UM1470 Datasheet HTML 16Page - STMicroelectronics UM1470 Datasheet HTML 17Page - STMicroelectronics UM1470 Datasheet HTML 18Page - STMicroelectronics UM1470 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
UM1470
Measurements
Doc ID 022241 Rev 1
17/19
4.5
Temperature
The thermal map at full load measured at 265 VAC and at 85 VAC is displayed in Figure 11
and Figure 12. The ambient temperature was 25 °C. Regarding the measurements visible
below, it can be estimated that the temperature of the components is below AMR even at
85 °C of ambient temperature. This range can be extended by using a bigger Cu heatsink
area connected to the drain of the VIPer06XS.
Figure 11.
Thermal map of the board at 265 VAC on the input - left bottom side, right top side
Figure 12.
Thermal map of the board at 85 VAC on the input - left bottom side, right top side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com