Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1479 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1479
Description  Due to increasing consumer awareness
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1479 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1479 Datasheet HTML 2Page - STMicroelectronics AN1479 Datasheet HTML 3Page - STMicroelectronics AN1479 Datasheet HTML 4Page - STMicroelectronics AN1479 Datasheet HTML 5Page - STMicroelectronics AN1479 Datasheet HTML 6Page - STMicroelectronics AN1479 Datasheet HTML 7Page - STMicroelectronics AN1479 Datasheet HTML 8Page - STMicroelectronics AN1479 Datasheet HTML 9Page - STMicroelectronics AN1479 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6/13
HIGH-PERFORMANCE MOTOR SYSTEM FOR WASHING MACHINES
4 APPLICATION OF A DIGITAL SLIP CONTROL DEVICE TO A
WASHING MACHINE
4.1 EFFICIENCY IMPROVEMENT
The use of an automatic control device for maintaining the slip at its optimum value means an
optimum performance of the motor regardless of its load. This is implemented with the
ST92141 dedicated microcontroller that comes with a complete software library. All the soft-
ware needed to performed high efficiency operation is available in this library.
The curve shown in Figure 4., measured on a test bench, shows in abscissa the load torque
at the wash-cycle speed, and in ordinate the value of the motor + drive efficiency (lower
curve), as well as the mains input current and Power (upper curves). Note that the total effi-
ciency of the system is almost independent of the load in the useful speed range and optimum
for this very low operating speed.
Table 1 compares the power consumption during the wash-cycle and the spin-cycle of a brush
universal motor with that of a 3-phase brush less induction motor. The induction motor was
used in compliance with the conditions specified in section 4 and highlighted a substantial gain
in consumption.
One of the benefits of this excellent efficiency is reflected by the small and cheap heatsink re-
sulting from the low level of power losses.
4.2 REDUCTION OF ACOUSTIC NOISE
It is well-known that the use of a brushless motor effectively eliminates noise related to its op-
eration, especially during high-speed spin cycles.
Moreover, the slip control device is used to limit the instantaneous motor flux to a low or
middle rate while keeping it independent from voltage variations of the mains supply. This
means a perfectly silent operation of the motor; free of all 100 Hz noise and torque peak noise
that may be encountered in vectorial control devices. The noise of the motor / pulley / drum as-
sembly is therefore substantially reduced.
Finally, these motors have high torque capabilities, and the transmission ratio of the pulley can
be significantly reduced as well as the associated noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com