Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1479 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1479
Description  Due to increasing consumer awareness
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1479 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1479 Datasheet HTML 4Page - STMicroelectronics AN1479 Datasheet HTML 5Page - STMicroelectronics AN1479 Datasheet HTML 6Page - STMicroelectronics AN1479 Datasheet HTML 7Page - STMicroelectronics AN1479 Datasheet HTML 8Page - STMicroelectronics AN1479 Datasheet HTML 9Page - STMicroelectronics AN1479 Datasheet HTML 10Page - STMicroelectronics AN1479 Datasheet HTML 11Page - STMicroelectronics AN1479 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8/13
HIGH-PERFORMANCE MOTOR SYSTEM FOR WASHING MACHINES
Figure 1. Induction Motor Torque versus Slip Characteristics
Figure 2. Slip control during washing
~ 12HZ
0,00
2,00
4,00
6,00
8,00
10,00
12,00
14,00
16,00
18,00
20,00
00,5
1
1,5
22,5
Torque (Nm)
Slipping (Hz)
0
0,05
0,1
0,15
0,2
0,25
0,3
0,35
0,4
0,45
0,5
S lipping41V
S lipping45V
S lipping36V
E fficiency45V
E fficiency41V
E fficiency36V
1
101
201
301
401
501
601
701
801
901
1001
1101
1201
1301
1401
1501
1601
1701
1801
1901
Time (unit 10ms)
10
20
30
40
50
60
70
Wash 50 RPM / 2.5 kg / 7l
End of Soft start with
Slip equal to 6 Hz to
minimize overshoot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com